Electronic Components Datasheet Search
  English  ▼

X  

AS3820 Datasheet(PDF) 6 Page - Dialog Semiconductor

Part # AS3820
Description  16-Channel White LED Controller for LCD Backlight
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AS3820 Datasheet(HTML) 6 Page - Dialog Semiconductor

Back Button AS3820 Datasheet HTML 2Page - Dialog Semiconductor AS3820 Datasheet HTML 3Page - Dialog Semiconductor AS3820 Datasheet HTML 4Page - Dialog Semiconductor AS3820 Datasheet HTML 5Page - Dialog Semiconductor AS3820 Datasheet HTML 6Page - Dialog Semiconductor AS3820 Datasheet HTML 7Page - Dialog Semiconductor AS3820 Datasheet HTML 8Page - Dialog Semiconductor AS3820 Datasheet HTML 9Page - Dialog Semiconductor AS3820 Datasheet HTML 10Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
AS3820
16-Channel White LED Controller for LCD Backlight
Rev. 1.1
Datasheet
© 2019 Dialog Semiconductor
www.dialog-semiconductor.com
6 of 52
05-Feb-2019
Absolute maximum ratings are the parameter values or ranges which can cause permanent damage if exceeded. For
maximum safe operating conditions, refer to the Electrical Characteristics section.
5 Absolute Maximum Ratings
Parameter
Symbol
Test Conditions
Min
Max
Unit
Electrical Parameters
Supply Voltage to Ground
VDDMAX
Applicable for pin VDD
-0.3
7
V
Maximum Voltage Analog pins
VANA_MAX
(Note 1)
-0.3
7
V
Maximum Voltage Digital pins
VDIG_MAX
(Note 2)
-0.3
5
V
Latch-up Immunity
ILATCH
JEDEC JESD78D Nov 2011
±100
mA
Electrostatic Discharge
Electrostatic Discharge
ESDHBM
Norm: MIL 883 E Method 3015
Human body model
±2000
V
Temperature Ranges and Storage Conditions
Junction Temperature
TJMAX
150
°C
Storage Temperature Range
TSTRG
-55
150
°C
Package Body Temperature
TBODY
The reflow peak soldering
temperature (body
temperature) specified is in
accordance with IPC/JEDEC
J-STD-020 “Moisture/Reflow
Sensitivity Classification for
Non-Hermetic Solid State
Surface Mount Devices”.
The lead finish for Pb-free
leaded packages is matte tin
(100% Sn)
260
°C
Relative Humidity (non-condensing)
RHNC
5
85
%
Moisture Sensitivity Level
MSL
Maximum floor life time of 168h
3
Notes:
Note 1. Pins: FB1,FB2,G1-G16, S1-S16,VSYNC, HSYNC.
Note 2. Pins: V3_2, SDI, SDO, SCL, xCS, MODE3D, DCDCEN, xFAULT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com