Electronic Components Datasheet Search
  English  ▼

X  

AS3820 Datasheet(PDF) 26 Page - Dialog Semiconductor

Part # AS3820
Description  16-Channel White LED Controller for LCD Backlight
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AS3820 Datasheet(HTML) 26 Page - Dialog Semiconductor

Back Button AS3820 Datasheet HTML 22Page - Dialog Semiconductor AS3820 Datasheet HTML 23Page - Dialog Semiconductor AS3820 Datasheet HTML 24Page - Dialog Semiconductor AS3820 Datasheet HTML 25Page - Dialog Semiconductor AS3820 Datasheet HTML 26Page - Dialog Semiconductor AS3820 Datasheet HTML 27Page - Dialog Semiconductor AS3820 Datasheet HTML 28Page - Dialog Semiconductor AS3820 Datasheet HTML 29Page - Dialog Semiconductor AS3820 Datasheet HTML 30Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
AS3820
16-Channel White LED Controller for LCD Backlight
Rev. 1.1
Datasheet
© 2019 Dialog Semiconductor
www.dialog-semiconductor.com
26 of 52
05-Feb-2019
8.3 Registers in PWM Generators
RegAddr: 0x13
PWM_CTRL
7
PLL_per_sel
0
RW
DPLL frequency generation
0...DPLL-period = Vsync*PWMperiod
1...DPLL-period = Vsync*PLLmulti
6
ClockSrc1
0
RW
Clock source for internal PWM-generators
0…Internal RC oscillator or HSYNC (depending on
ClockSrc0)
1...PLL output
5
Pwm_rev
0
RW
0...Normal PWM operation
1...PWM signals are inverted
4
VSYNCdet
0
RW _AS
Enable VSYNC detection
0...VSYNC-detection OFF
1... VSYNC-detection ON. All current outputs are
turned OFF if VSYNC signal is missing for 100ms
3
VSYNCedge
0
RW
Defines VSYNC trigger edge
0...VSYNC trigger on rising edge
1...VSYNC trigger on falling edge
2
Direct_PWM
0
RW _AS
Select external or internal PWM signal
0...PWM signal is generated internally
1...PWM signal is applied externally at pin VSYNC
Factory trim bit is read during startup. See section
Direct PWM Mode
1
Update_Mode
0
RW
Defines when internal registers are updated
0...Registers updated with rising edge of xCS
1...Registers updated with next VSYNC-edge
0
ClockSrc0
0
RW
Clock source for internal PWM-generators
0…Internal RC oscillator
1...External Pin HSYNC
See Note 1
Note 1. This bit only takes effect when ClockSrc1 = 0.
Table 24: PWM_CTRL
RegAddr: 0x15
RegAddr: 0x14
PWMperiod
Bit
Bit
Default
Access
Bit Description
4:0
7:0
0x00, 0x00
RW
PWMper[12:0] sets PWM period
Table 25: PWMperiod
RegAddr: 0x17
RegAddr: 0x16
PWM1delay
Bit
Bit
Default
Access
Bit Description
3:0
7:0
0x00, 0x00
RW
PWM1per[11:0] sets PWM1 delay
Table 26: PWM1delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com