Electronic Components Datasheet Search
  English  ▼

X  

AS3820 Datasheet(PDF) 15 Page - Dialog Semiconductor

Part # AS3820
Description  16-Channel White LED Controller for LCD Backlight
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AS3820 Datasheet(HTML) 15 Page - Dialog Semiconductor

Back Button AS3820 Datasheet HTML 11Page - Dialog Semiconductor AS3820 Datasheet HTML 12Page - Dialog Semiconductor AS3820 Datasheet HTML 13Page - Dialog Semiconductor AS3820 Datasheet HTML 14Page - Dialog Semiconductor AS3820 Datasheet HTML 15Page - Dialog Semiconductor AS3820 Datasheet HTML 16Page - Dialog Semiconductor AS3820 Datasheet HTML 17Page - Dialog Semiconductor AS3820 Datasheet HTML 18Page - Dialog Semiconductor AS3820 Datasheet HTML 19Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
AS3820
16-Channel White LED Controller for LCD Backlight
Rev. 1.1
Datasheet
© 2019 Dialog Semiconductor
www.dialog-semiconductor.com
15 of 52
05-Feb-2019
Addr: 0x03
Fault_1
Bit
Bit Name
Default
Access
Bit Description
7
Autotoff_uv
1
RW
1...Undervoltage lockout:
If VDD < VDD_UVLchannels are turned OFF
by resetting CURRx-bits
6
Short_bist_en
0
RW_AC
1...Starts built-in self-test (BIST) for short
detection. Bit is cleared after BIST has
finished
5:4
Short_cmp_en
00
RW
Short detection with comparators:
Not available in LQFP44
00...OFF
01...Enables short comp 1
10...Enables short comp 2
11...Enables short comp 1 and comp 2
3
Retrial_open
0
RW
1... Retrial open detection after
autotoff_open was triggered
2
Autotoff_ot
1
RW
Automatic output turn OFF at
overtemperature
0... Do not turn OFF current outputs on
overtemperature
1... Turn OFF current outputs on
overtemperature
1
Open_en
0
RW
1... Enable open LED detection for all
channels
0
Autotoff_open
0
RW
Automatic feedback turn OFF on open
LED detection
0... Do not turn OFF feedback on open
LED detection
1... Turn OFF feedback on open LED
detection
Table 3: Fault_1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com