Electronic Components Datasheet Search
  English  ▼

X  

EMC2305 Datasheet(PDF) 33 Page - Microchip Technology

Part # EMC2305
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2305 Datasheet(HTML) 33 Page - Microchip Technology

Back Button EMC2305 Datasheet HTML 29Page - Microchip Technology EMC2305 Datasheet HTML 30Page - Microchip Technology EMC2305 Datasheet HTML 31Page - Microchip Technology EMC2305 Datasheet HTML 32Page - Microchip Technology EMC2305 Datasheet HTML 33Page - Microchip Technology EMC2305 Datasheet HTML 34Page - Microchip Technology EMC2305 Datasheet HTML 35Page - Microchip Technology EMC2305 Datasheet HTML 36Page - Microchip Technology EMC2305 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
 2021 Microchip Technology Inc.
DS20006532A-page 33
EMC2301/2/3/5
6.7
Fan Interrupt Enable Register
The Fan Interrupt Enable register controls the masking
for each fan channel. When a channel is enabled, it will
cause the ALERT pin to be asserted when an Error
condition is detected.
•‘1’ - An Error condition (Stall, Spin Up, Drive Fail)
on fan X will cause the ALERT pin to be asserted.
•‘0’ (default) - An Error condition on fan X will not
cause the ALERT pin to be asserted; however,
the status registers will be updated normally.
REGISTER 6-6:
FAN INTERRUPT ENABLE - FAN INTERRUPT ENABLE REGISTER (ADDRESS
29H)
U-0
U-0
U-0
RW-0
RW-0
RW-0
RW-0
RW-0
—
—
—
F5ITEN
F4ITEN
F3ITEN
F2ITEN
F1ITEN
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
Unimplemented bits, read as ‘0’.
bit 4
F5ITEN: Fan 5 Interrupt Enable. Allows Fan 5 to assert the ALERT pin if an error condition is detected
1 = Fan 5 has an Error condition.
0 = Fan 5 is operating within limits.
bit 3
F4ITEN: Fan 4 Interrupt Enable. Allows Fan 4 to assert the ALERT pin if an error condition is detected
1 = Fan 4 has an Error condition.
0 = Fan 4 is operating within limits.
bit 2
F3ITEN: Fan 3 Interrupt Enable. Allows Fan 3 to assert the ALERT pin if an error condition is detected
1 = Fan 3 has an Error condition.
0 = Fan 3 is operating within limits.
bit 1
F2ITEN: Fan 2 Interrupt Enable. Allows Fan 2 to assert the ALERT pin if an error condition is detected
1 = Fan 2 has an Error condition.
0 = Fan 2 is operating within limits.
bit 0
F1ITEN: Fan 1 Interrupt Enable. Allows Fan 1 to assert the ALERT pin if an error condition is detected
1 = Fan 1 has an Error condition.
0 = Fan 1 is operating within limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com