Electronic Components Datasheet Search
  English  ▼

X  

EMC2305 Datasheet(PDF) 4 Page - Microchip Technology

Part # EMC2305
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2305 Datasheet(HTML) 4 Page - Microchip Technology

  EMC2305 Datasheet HTML 1Page - Microchip Technology EMC2305 Datasheet HTML 2Page - Microchip Technology EMC2305 Datasheet HTML 3Page - Microchip Technology EMC2305 Datasheet HTML 4Page - Microchip Technology EMC2305 Datasheet HTML 5Page - Microchip Technology EMC2305 Datasheet HTML 6Page - Microchip Technology EMC2305 Datasheet HTML 7Page - Microchip Technology EMC2305 Datasheet HTML 8Page - Microchip Technology EMC2305 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
EMC2301/2/3/5
DS20006532A-page 4
 2021 Microchip Technology Inc.
1.2
DC Characteristics
Electrical Specifications: Unless otherwise indicated, VDD = 3.0V to 3.6V, all typical values at TA = +27°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
DC Power
Supply Voltage
VDD
33.3
3.6
V
Supply Current
IDD
—
350
475
µA
EMC2301, channel active
—
400
550
EMC2302, all channels active
—
475
600
EMC2303, all channels active
—
625
800
EMC2305, all channels active
PWM Fan Driver
PWM Resolution
PWM
—
256
—
Steps
PWM Duty Cycle
DUTY
0
—
100
%
RPM-Based Fan Controller
Tachometer Range
TACH
480
—
16000
RPM
Tachometer Setting
Accuracy
TACH
—
±0.5
±1
%
External oscillator 32.768kHz
—
±1
±2
Internal oscillator
Input High Voltage
VIH
2.0
—
—
V
Input Low Voltage
VIL
——
0.8
V
Output High Voltage
VOH
VDD - 0.4
—
—
V
8 mA current drive
Output Low Voltage
VOL
—
—
0.4
V
8 mA current sink
Leakage Current
ILEAK
—
—
±5
µA
ALERT pin powered and
unpowered
0°C < TA < 85°C
Pull-up voltage ≤ 3.6V
1.3
SMBus Module DC Characteristics
Operating Conditions: Unless otherwise indicated, VDD = 3V to 3.6V, TA = -40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
SMBus Interface
Input High Voltage
VIH
2.0
—
—
V
Input Low Voltage
VIL
——
0.8
V
Output High Voltage
VOH
VDD - 0.4
—
—
V
Output Low Voltage
VOL
—
—
0.4
V
4 mA current sink
Input High/Low Current
IIH/IIL
—
—
±5
µA
Powered and unpowered
0°C < TA < 85°C
Input Capacitance
CIN
—5
—
pF
SMBus Timing
Clock Frequency
fSMB
10
—
400
kHz
Spike Suppression
tSP
—
—
50
ns
Bus free time Start to Stop
tBUF
1.3
—
—
µs
Setup Time: Start
tSU:STA
0.6
—
—
µs
Setup Time: Stop
tSU:STP
0.6
—
—
µs
Data Hold Time
tHD:DAT
0—
—
µs
Data Setup Time
tSU:DAT
0.6
—
—
µs
Clock Low Period
tLOW
1.3
—
—
µs
Clock High Period
tHIGH
0.6
—
—
µs
Clock/Data Fall Time
tFALL
—
—
300
ns
Min. = 20 + 0.1CLOAD ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com