Electronic Components Datasheet Search
  English  ▼

X  

EMC2305 Datasheet(PDF) 63 Page - Microchip Technology

Part # EMC2305
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2305 Datasheet(HTML) 63 Page - Microchip Technology

Back Button EMC2305 Datasheet HTML 59Page - Microchip Technology EMC2305 Datasheet HTML 60Page - Microchip Technology EMC2305 Datasheet HTML 61Page - Microchip Technology EMC2305 Datasheet HTML 62Page - Microchip Technology EMC2305 Datasheet HTML 63Page - Microchip Technology EMC2305 Datasheet HTML 64Page - Microchip Technology EMC2305 Datasheet HTML 65Page - Microchip Technology EMC2305 Datasheet HTML 66Page - Microchip Technology EMC2305 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 70 page
background image
 2021 Microchip Technology Inc.
DS20006532A-page 63
EMC2301/2/3/5
RECOMMENDED LAND PATTERN
Dimension Limits
Units
C2
Optional Center Pad Width
Contact Pad Spacing
Optional Center Pad Length
Contact Pitch
Y2
X2
2.20
2.20
MILLIMETERS
0.65 BSC
MIN
E
MAX
3.70
Contact Pad Length (X16)
Contact Pad Width (X16)
Y1
X1
1.10
0.37
Microchip Technology Drawing C04-2381A
NOM
16-Lead Very Thin Plastic Quad Flat, No Lead Package (AP) - 4x4 mm Body [VQFN]
SILK SCREEN
1
2
16
C1
Contact Pad Spacing
3.70
Space Between Pads
G1
0.30
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.30
1.00
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
SMSC Legacy AP [SQFN]
E
C1
C2
EV
EV
X2
Y2
X1
Y1
G1
ØV
0.79
G2
Contact Pad to Center Pad (X16)
G2
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com