Electronic Components Datasheet Search
  English  ▼

X  

MAX5216 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5216
Description  3.3V Fixed VDD from On-Board LDO (MAX8510)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5216 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5216 Datasheet HTML 2Page - Maxim Integrated Products MAX5216 Datasheet HTML 3Page - Maxim Integrated Products MAX5216 Datasheet HTML 4Page - Maxim Integrated Products MAX5216 Datasheet HTML 5Page - Maxim Integrated Products MAX5216 Datasheet HTML 6Page - Maxim Integrated Products MAX5216 Datasheet HTML 7Page - Maxim Integrated Products MAX5216 Datasheet HTML 8Page - Maxim Integrated Products MAX5216 Datasheet HTML 9Page - Maxim Integrated Products MAX5216 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Maxim Integrated │ 6
Evaluates: MAX5216
MAX5216DACLite Evaluation Kit
www.maximintegrated.com
Detailed Description of Hardware
The MAX5216DACLite EV kit board is loaded with the
MAX5216, Maxim’s best-in-class, lowest power, 16-bit
DAC.Theon-boardMAX6133A30provideslownoise,low
temperaturedriftof3ppm/°C,and3.000Vprecisevoltage
reference for the DAC. The MAX5216 (U1) receives a
commandfromthe16-bitMAXQ622microcontroller(U2)
through a 3-wire high-speed SPI bus. The U1 device can
run at 50MHz clock frequency, but the SPI bus speed
is limited to 6MHz on this board by the microcontroller.
TheU1–U3devicesarepoweredbytheMAX8510+3.3V
LDO,low-noisevoltageregulator(U4),whichgetspower
from the USB port.The U1 device can be evaluated at
the fixed VDD level of 3.3V only. The above limitations are
reflected by the suffix “Lite” in the name of the board. The
EVkitblockdiagramisshowninFigure7.
Figure 6. Staircase Plot
Figure 7. MAX5216DACLite EV Kit Block Diagram
MAX8510
LDO
MAX5216DACLITE BOARD
MAXIM
MAX6133A
VREF
MAX5216
16-BIT DAC
MAXQ622
µC
SPI
USB
PC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com