Electronic Components Datasheet Search
  English  ▼

X  

MAX5216 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5216
Description  3.3V Fixed VDD from On-Board LDO (MAX8510)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5216 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5216 Datasheet HTML 1Page - Maxim Integrated Products MAX5216 Datasheet HTML 2Page - Maxim Integrated Products MAX5216 Datasheet HTML 3Page - Maxim Integrated Products MAX5216 Datasheet HTML 4Page - Maxim Integrated Products MAX5216 Datasheet HTML 5Page - Maxim Integrated Products MAX5216 Datasheet HTML 6Page - Maxim Integrated Products MAX5216 Datasheet HTML 7Page - Maxim Integrated Products MAX5216 Datasheet HTML 8Page - Maxim Integrated Products MAX5216 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Evaluates: MAX5216
MAX5216DACLite Evaluation Kit
Component List
General Description
The MAX5216DACLite evaluation kit (EV kit) enables
evaluation of the MAX5216 single-channel, low-power,
buffered-output, 3-wire SPI interface, 16-bit DAC. The EV
kit also includes Windows XPM-, Windows VistaM-, and
WindowsM 7-compatible software that provide a simple
graphical user interface (GUI) for exercising the features
of the IC.
The EV kit enables a quick evaluation of the device, with
a fixed supply voltage of 3.3V. The EV kit allows for the
generation of selectable waveforms to display DAC AC
signal-generation capability.
The EV kit can be used as a system hardware debugging
tool, or as a signal generator demonstration kit.
Features
● USBPowered,NoAdditionalSupplyNeeded*
(CableNotIncluded)
● 3.3VFixedVDDfromOn-BoardLDO(MAX8510)
● 3.000VOn-BoardPreciseVoltageReference
(MAX6133)
● DirectUSBCommunicationthroughtheMAXQ622
Microcontroller
● WindowsXP-,WindowsVista-,andWindows7
(32-Bit)-CompatibleSoftware
● SPIInterfaceTerminals
● ProvenPCBLayout
● FullyAssembledandTested
19-6527; Rev 0; 11/12
Ordering Information appears at end of data sheet.
Windows XP, Windows Vista, and Windows are registered
trademarks and registered service marks of Microsoft
Corporation.
*Since 16 bits is 65,535 levels, the LSB is 45.8μV. Depending on
how clean the computer’s USB power is, it may be necessary to
provide clean analog power for the best accuracy.
DESIGNATION
QTY
DESCRIPTION
C1, C2,
C5–C7, C9
6
1µF±10%,10VX5Rceramic
capacitors(0603)
TDKC1608X5R1A105K
C3
1
0.01µF±10%,50VX7Rceramic
capacitor(0603)
TDKCGA3E2X7R1H103K
C4,C8,
C12–C14
4
0.1µF±10%,16VX7Rceramic
capacitors(0603)
MurataGRM188R71C104KA01J
C10,C11
2
18pF±5%,50VC0Gceramic
capacitors(0603)
TDKC1608C0GH1180JT
FB1
1
Ferritebead(0805)
TDKMMZ20112Y601BT
DESIGNATION
QTY
DESCRIPTION
J1
1
Mini-USBtype-Breceptacle
Mill-Max897-43-005-00-100001
J2
0
Notinstalled,10-pin(5x2)
header,0.1in
J3
0
Notinstalled,1-pinheader,0.1in
J4
0
Notinstalled,1-pinheader
J5,J7,J8
4
Turret terminal pins
Mill-Max
2108-2-00-44-00-00-07-0
J6
0
Notinstalled,4-pinheader
J9
0
Notinstalled,RF-coaxSMA
connector
Molex733910060


Similar Part No. - MAX5216

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5216 MAXIM-MAX5216 Datasheet
1Mb / 12P
MAX5216 Evaluation Kit
Rev 0; 6/11
MAX5216 MAXIM-MAX5216 Datasheet
1Mb / 12P
MAX5216 Evaluation Kit
Rev 0; 6/11
MAX5216EVKIT MAXIM-MAX5216EVKIT Datasheet
1Mb / 12P
MAX5216 Evaluation Kit
Rev 0; 6/11
MAX5216EVKIT+ MAXIM-MAX5216EVKIT+ Datasheet
1Mb / 12P
MAX5216 Evaluation Kit
Rev 0; 6/11
MAX5216EVKIT MAXIM-MAX5216EVKIT_V01 Datasheet
1Mb / 11P
USB Powered, No Additional Supply Needed* (Cable Not Included)
2012
More results

Similar Description - MAX5216

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
IP1117 INTERPION-IP1117 Datasheet
315Kb / 11P
LDO Regulator with Adjustable and Fixed 1.8V, 2.5V,3.3V,5.0V
logo
AUK corp
A78R33PIC AUK-A78R33PIC Datasheet
295Kb / 7P
LDO Fixed Regulator IC
logo
Torex Semiconductor
XCM410 TOREX-XCM410 Datasheet
233Kb / 13P
2 Channel Voltage Detector (Sense Pin separated from VDD)
logo
Diodes Incorporated
AP7217A DIODES-AP7217A Datasheet
217Kb / 10P
3.3V 600mA CMOS LDO
AP7217A Rev. 1
logo
Torex Semiconductor
XCM410 TOREX-XCM410_1 Datasheet
279Kb / 13P
2 Channel Voltage Detector (Sense Pin separated from VDD)
logo
Diodes Incorporated
AP7217A DIODES-AP7217A_09 Datasheet
200Kb / 10P
3.3V 600mA CMOS LDO
AP7217A Rev. 3
logo
STMicroelectronics
STEVAL-ISA137V1 STMICROELECTRONICS-STEVAL-ISA137V1 Datasheet
152Kb / 4P
Demonstration board based on VIPer06 from the fixed-frequency VIPer™ plus family
June 2013 Rev 1
logo
Maxim Integrated Produc...
MAX77734EVKIT MAXIM-MAX77734EVKIT Datasheet
2Mb / 17P
On-Board Electronic Load for LDO
Rev 0; 9/17
MAX20406EVKIT MAXIM-MAX20406EVKIT Datasheet
561Kb / 7P
Output Voltage: 3.3V/5V Fixed and Adjustable from 0.8 to 10V
Rev 3; 7/21
MAX16046EVKIT MAXIM-MAX16046EVKIT Datasheet
1Mb / 25P
On-Board LDO Regulators and Tracking FETs
Rev 1; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com