Electronic Components Datasheet Search
  English  ▼

X  

MAX5216 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5216
Description  3.3V Fixed VDD from On-Board LDO (MAX8510)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5216 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5216 Datasheet HTML 3Page - Maxim Integrated Products MAX5216 Datasheet HTML 4Page - Maxim Integrated Products MAX5216 Datasheet HTML 5Page - Maxim Integrated Products MAX5216 Datasheet HTML 6Page - Maxim Integrated Products MAX5216 Datasheet HTML 7Page - Maxim Integrated Products MAX5216 Datasheet HTML 8Page - Maxim Integrated Products MAX5216 Datasheet HTML 9Page - Maxim Integrated Products MAX5216 Datasheet HTML 10Page - Maxim Integrated Products MAX5216 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Maxim Integrated │ 7
Evaluates: MAX5216
MAX5216DACLite Evaluation Kit
www.maximintegrated.com
The evaluation software allows full access to the DAC’s
functions and features through the full-speed USB 2.0
bus and the U2 microcontroller. The microcontroller is
preloaded with firmware that communicates with the GUI.
MAX5216Lite Extended Features
The U1 device can be evaluated over the full voltage and
SPI bus speed range with external power supply and SPI
host controller. To do so, the following board modifications
must be made:
1) Totally disconnect the U1 and U3 devices from the rest
oftheboardbyremovingresistorsR4–R9(seeFigure10
for component placement).
2) Connect the SPI lines (CSb, SCLK, DIN, and CLRb
pins)fromJ6totheexternalhostcontroller.Makesure
that the input voltage (VIH) is within the spec limit and
matches the AVDD level.
3) Applyexternalpowerfrom2.7Vto5.5VbetweenJ3.2
(AVDD)andJ8(GND).
4) Send command to the DAC.
The microcontroller on the EV kit board can also be
programmedwithcustomfirmwarethroughtheJ2JTAG
connector (see Table 1).
Table 1. JTAG Connector Description (J2)
PIN
LABEL
FUNCTION
1
TCK
Test clock
2
GND
Digital ground
3
TDO
Test data output
4
N.C.
Noconnect
5
TMS
Test mode select
6
RST
Reset
7
N.C.
Noconnect
8
+5V
+5VfromtheJTAGdebugadapter
9
TDI
Test data input
10
GND
Digital ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com