Electronic Components Datasheet Search
  English  ▼

X  

AT25SF641 Datasheet(PDF) 8 Page - Dialog Semiconductor

Part # AT25SF641
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF641 Datasheet(HTML) 8 Page - Dialog Semiconductor

Back Button AT25SF641 Datasheet HTML 4Page - Dialog Semiconductor AT25SF641 Datasheet HTML 5Page - Dialog Semiconductor AT25SF641 Datasheet HTML 6Page - Dialog Semiconductor AT25SF641 Datasheet HTML 7Page - Dialog Semiconductor AT25SF641 Datasheet HTML 8Page - Dialog Semiconductor AT25SF641 Datasheet HTML 9Page - Dialog Semiconductor AT25SF641 Datasheet HTML 10Page - Dialog Semiconductor AT25SF641 Datasheet HTML 11Page - Dialog Semiconductor AT25SF641 Datasheet HTML 12Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
7
AT25SF641
DS-25SF641–111E–3/2018
3.
Memory Array
To provide the greatest flexibility, the memory array of the AT25SF641 can be erased in four levels of granularity
including a full chip erase. The size of the erase blocks is optimized for both code and data storage applications, allowing
both code and data segments to reside in their own erase regions. The Memory Architecture Diagram illustrates the
breakdown of each erase level.
Figure 3-1.
Memory Architecture Diagram
64KB
32KB
4KB
1-256 byte
4KB
7F F F F F h – 7F F 000h
256 bytes
7F F F F F h – 7F F F 00h
4KB
7F E F F F h – 7F E 000h
256 bytes
7F F E F F h – 7F F E 00h
4KB
7F DF F F h – 7F D000h
256 bytes
7F F DF F h – 7F F D00h
4KB
7F CF F F h – 7F C000h
256 bytes
7F F CF F h – 7F F C00h
4KB
7F BF F F h – 7F B000h
256 bytes
7F F BF F h – 7F F B00h
4KB
7F AF F F h – 7F A000h
256 bytes
7F F AF F h – 7F F A00h
4KB
7F 9F F F h – 7F 9000h
256 bytes
7F F 9F F h – 7F F 900h
4KB
7F 8F F F h – 7F 8000h
256 bytes
7F F 8F F h – 7F F 800h
4KB
7F 7F F F h – 7F 7000h
256 bytes
7F F 7F F h – 7F F 700h
4KB
7F 6F F F h – 7F 6000h
256 bytes
7F F 6F F h – 7F F 600h
4KB
7F 5F F F h – 7F 5000h
256 bytes
7F F 5F F h – 7F F 500h
4KB
7F 4F F F h – 7F 4000h
256 bytes
7F F 4F F h – 7F F 400h
4KB
7F 3F F F h – 7F 3000h
256 bytes
7F F 3F F h – 7F F 300h
4KB
7F 2F F F h – 7F 2000h
256 bytes
7F F 2F F h – 7F F 200h
4KB
7F 1F F F h – 7F 1000h
256 bytes
7F F 1F F h – 7F F 100h
4KB
7F 0F F F h – 7F 0000h
256 bytes
7F F 0F F h – 7F F 000h
4KB
7E F F F F h – 7E F 000h
256 bytes
7F E F F F h – 7F E F 00h
4KB
7E E F F F h – 7E E 000h
256 bytes
7F E E F F h – 7F E E 00h
4KB
7E DF F F h – 7E D000h
256 bytes
7F E DF F h – 7F E D00h
4KB
7E CF F F h – 7E C000h
256 bytes
7F E CF F h – 7F E C00h
4KB
7E BF F F h – 7E B000h
256 bytes
7F E BF F h – 7F E B00h
4KB
7E AF F F h – 7E A000h
256 bytes
7F E AF F h – 7F E A00h
4KB
7E 9F F F h – 7E 9000h
256 bytes
7F E 9F F h – 7F E 900h
4KB
7E 8F F F h – 7E 8000h
256 bytes
7F E 8F F h – 7F E 800h
4KB
7E 7F F F h – 7E 7000h
4KB
7E 6F F F h – 7E 6000h
4KB
7E 5F F F h – 7E 5000h
4KB
7E 4F F F h – 7E 4000h
256 bytes
0017F F h – 001700h
4KB
7E 3F F F h – 7E 3000h
256 bytes
0016F F h – 001600h
4KB
7E 2F F F h – 7E 2000h
256 bytes
0015F F h – 001500h
4KB
7E 1F F F h – 7E 1000h
256 bytes
0014F F h – 001400h
4KB
7E 0F F F h – 7E 0000h
256 bytes
0013F F h – 001300h
256 bytes
0012F F h – 001200h
256 bytes
0011F F h – 001100h
256 bytes
0010F F h – 001000h
4KB
00F F F F h – 00F 000h
256 bytes
000F F F h – 000F 00h
4KB
00E F F F h – 00E 000h
256 bytes
000E F F h – 000E 00h
4KB
00DF F F h – 00D000h
256 bytes
000DF F h – 000D00h
4KB
00CF F F h – 00C000h
256 bytes
000CF F h – 000C00h
4KB
00BF F F h – 00B000h
256 bytes
000BF F h – 000B00h
4KB
00AF F F h – 00A000h
256 bytes
000AF F h – 000A00h
4KB
009F F F h – 009000h
256 bytes
0009F F h – 000900h
4KB
008F F F h – 008000h
256 bytes
0008F F h – 000800h
4KB
007F F F h – 007000h
256 bytes
0007F F h – 000700h
4KB
006F F F h – 006000h
256 bytes
0006F F h – 000600h
4KB
005F F F h – 005000h
256 bytes
0005F F h – 000500h
4KB
004F F F h – 004000h
256 bytes
0004F F h – 000400h
4KB
003F F F h – 003000h
256 bytes
0003F F h – 000300h
4KB
002F F F h – 002000h
256 bytes
0002F F h – 000200h
4KB
001F F F h – 001000h
256 bytes
0001F F h – 000100h
4KB
000F F F h – 000000h
256 bytes
0000F F h – 000000h
64KB
64KB
32KB
32KB
Range
Range
Page Program Detail
Page Address
Block Address
64KB
Block Erase Detail
32KB
32KB
32KB
32KB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com