Electronic Components Datasheet Search
  English  ▼

X  

AT25SF641 Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # AT25SF641
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF641 Datasheet(HTML) 3 Page - Dialog Semiconductor

  AT25SF641 Datasheet HTML 1Page - Dialog Semiconductor AT25SF641 Datasheet HTML 2Page - Dialog Semiconductor AT25SF641 Datasheet HTML 3Page - Dialog Semiconductor AT25SF641 Datasheet HTML 4Page - Dialog Semiconductor AT25SF641 Datasheet HTML 5Page - Dialog Semiconductor AT25SF641 Datasheet HTML 6Page - Dialog Semiconductor AT25SF641 Datasheet HTML 7Page - Dialog Semiconductor AT25SF641 Datasheet HTML 8Page - Dialog Semiconductor AT25SF641 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
2
AT25SF641
DS-25SF641–111E–3/2018
1.
Introduction
The Adesto® AT25SF641 is a serial interface Flash memory device designed for use in a wide variety of high-volume
consumer based applications in which program code is shadowed from Flash memory into embedded or external RAM
for execution. The flexible erase architecture of the AT25SF641 is ideal for data storage as well, eliminating the need for
additional data storage devices.
The erase block sizes of the AT25SF641 have been optimized to meet the needs of today's code and data storage
applications. By optimizing the size of the erase blocks, the memory space can be used much more efficiently. Because
certain code modules and data storage segments must reside by themselves in their own erase regions, the wasted and
unused memory space that occurs with large block erase Flash memory devices can be greatly reduced. This increased
memory space efficiency allows additional code routines and data storage segments to be added while still maintaining
the same overall device density.
SPI clock frequencies of up to 104 MHz are supported allowing equivalent clock rates of 266 MHz for Dual Output and
532 MHz for Quad Output when using the QPI and Fast Read Dual/Quad I/O instructions.The AT25SF641 array is
organized into 65,536 programmable pages of 256-bytes each. Up to 256 bytes can be programmed at a time using the
Page Program instructions. Pages can be erased 4KB Block, 32KB Block, 64KB Block or the entire chip.
The devices operate on a single 2.7V to 3.6V power supply with current consumption as low as 5 mA active and 3 µA for
Deep Power Down. All devices offered in space-saving packages. The device supports JEDEC standard manufacturer
and device identification with a 4K-bit Secured OTP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com