Electronic Components Datasheet Search
  English  ▼

X  

AT25SF641B Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # AT25SF641B
Description  64-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF641B Datasheet(HTML) 2 Page - Dialog Semiconductor

  AT25SF641B Datasheet HTML 1Page - Dialog Semiconductor AT25SF641B Datasheet HTML 2Page - Dialog Semiconductor AT25SF641B Datasheet HTML 3Page - Dialog Semiconductor AT25SF641B Datasheet HTML 4Page - Dialog Semiconductor AT25SF641B Datasheet HTML 5Page - Dialog Semiconductor AT25SF641B Datasheet HTML 6Page - Dialog Semiconductor AT25SF641B Datasheet HTML 7Page - Dialog Semiconductor AT25SF641B Datasheet HTML 8Page - Dialog Semiconductor AT25SF641B Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
DS-AT25SF641B–191D–12-2020
DATASHEET
AT25SF641B
64-Mbit SPI Serial Flash Memory
with Dual-I/O and Quad-I/O Support
Features
Serial Peripheral Interface (SPI) Compatible
- Supports SPI modes 0 and 3 (1,1,1)
- Supports dual input and dual output operation (1,1,2)
- Supports quad input and quad output operation (1,1,4)
- Supports quad XiP (continuous read mode) operation (1,4,4 and 0,4,4)
104 MHz Maximum Operating Frequency
Single 2.7 V - 3.6 V Single Supply Voltage
Serial Flash Discoverable Parameters (SFDP, JDES216B) support
OTP Memory
- Three Protected Programmable Security Register Pages (Page size: 256 bytes)
- 64-bit factory programmable UID register
Hardware Write Protection (WP pin)
Software Write protection (Programmable non-volatile control registers)
Program and Erase Suspend and Resume
Byte programming size: up to 256 bytes
Erase Size and Duration
- Uniform 4-kbyte Block Erase (60 ms typical)
- Uniform 32-kbyte Block Erase (120 ms typical)
- Uniform 64-kbyte Block Erase (200 ms typical)
- Full Chip Erase (25 seconds typical)
Low-Power Dissipation
- Standby Current (25 µA maximum)
- Deep Power Down Current (5 µA maximum)
Endurance: 100,000 Program and Erase Cycles
Data Retention: 20 Years
Industrial Temperature Range (-40 oC to 85 oC)
Industry Standard Green (Pb/Halide-free/RoHS Compliant) Package Options
- 8-pad W-SOIC (0.208”)
- 8-pad Ultra-Thin DFN (5 x 6 x 0.6 mm)
- Die Wafer Form
- Other Package Options (contact Adesto)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com