Electronic Components Datasheet Search
  English  ▼

X  

AT25SF641B Datasheet(PDF) 28 Page - Dialog Semiconductor

Part # AT25SF641B
Description  64-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF641B Datasheet(HTML) 28 Page - Dialog Semiconductor

Back Button AT25SF641B Datasheet HTML 24Page - Dialog Semiconductor AT25SF641B Datasheet HTML 25Page - Dialog Semiconductor AT25SF641B Datasheet HTML 26Page - Dialog Semiconductor AT25SF641B Datasheet HTML 27Page - Dialog Semiconductor AT25SF641B Datasheet HTML 28Page - Dialog Semiconductor AT25SF641B Datasheet HTML 29Page - Dialog Semiconductor AT25SF641B Datasheet HTML 30Page - Dialog Semiconductor AT25SF641B Datasheet HTML 31Page - Dialog Semiconductor AT25SF641B Datasheet HTML 32Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
27
AT25SF641B
DS-AT25SF641B–191D–12-2020
9.
Protection Commands and Features
9.1
Write Enable (06h)
The Write Enable command is used to set the Write Enable Latch (WEL) bit in the Status Register to a logical “1”
state. The WEL bit must be set before a Byte/Page Program, Erase, Program Security Register Pages, Erase
Security Register Pages or Write Status Register command can be executed. This makes the issuance of these
commands a two step process, thus reducing the chances of a command being accidentally or erroneously
executed. If the WEL bit in the Status Register is not set prior to the issuance of one of these commands, the
command is not executed.
To issue the Write Enable command, the CS pin must first be asserted, and the opcode of 06h must be clocked
into the device. No address bytes need to be clocked into the device, and any data clocked in after the opcode is
ignored. When the CS pin is deasserted, the WEL bit in the Status Register is set to a logical “1”. The complete
opcode must be clocked into the device before the CS pin is deasserted, and the CS pin must be deasserted on an
byte boundary (multiples of eight bits); otherwise, the device aborts the operation, and the WEL bit state does not
change.
Figure 9-1. Write Enable Sequence Diagram
9.2
Write Disable (04h)
The Write Disable command is used to reset the Write Enable Latch (WEL) bit in the Status Register to the logical
“0” state. With the WEL bit reset, all Byte/Page Program, Erase, Program Security Register Page, and Write Status
Register commands are not executed. Other conditions can also cause the WEL bit to be reset; for more details,
see the WEL bit section of the Status Register description (Section 9.1).
To issue the Write Disable command, the CS pin must be asserted first, and the opcode of 04h must be clocked
into the device. No address bytes need to be clocked into the device, and any data clocked in after the opcode is
ignored. When the CS pin is deasserted, the WEL bit in the Status Register is reset to a logical “0”. The complete
opcode must be clocked into the device before the CS pin is deasserted, and the CS pin must be deasserted on an
byte boundary (multiples of eight bits); otherwise, the device aborts the operation, and the WEL bit state does not
change.
Figure 9-2. Write Disable Sequence Diagram
SCK
CS
SI
SO
MSB
23
1
0
00000110
67
5
4
OPCODE
HIGH-IMPEDANCE
SCK
CS
SI
SO
MSB
23
1
0
00000100
67
5
4
OPCODE
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com