Electronic Components Datasheet Search
  English  ▼

X  

MAX11259 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX11259
Description  Fully Assembled and Tested
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11259 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX11259 Datasheet HTML 1Page - Maxim Integrated Products MAX11259 Datasheet HTML 2Page - Maxim Integrated Products MAX11259 Datasheet HTML 3Page - Maxim Integrated Products MAX11259 Datasheet HTML 4Page - Maxim Integrated Products MAX11259 Datasheet HTML 5Page - Maxim Integrated Products MAX11259 Datasheet HTML 6Page - Maxim Integrated Products MAX11259 Datasheet HTML 7Page - Maxim Integrated Products MAX11259 Datasheet HTML 8Page - Maxim Integrated Products MAX11259 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Evaluates: MAX11259
MAX11259PMB Peripheral Module
General Description
The MAX11259PMB peripheral module (Pmod™) provides
the necessary hardware to interface to the MAX11259, a
24-bit, 6-channel, 64ksps, integrated PGA delta-sigma
ADC to any system that utilizes Pmod-compatible expan-
sion ports configurable for I2C communication. The
peripheral module includes a graphical user interface
(GUI) that provides communication from the target device
to the PC through the USB2PMB2#. The peripheral mod-
ule can operate in multiple modes:
1)
Using USB2PMB2# Adapter: In “standalone” mode,
the peripheral module is connected to the PC via a
USB2PMB2# adapter board and performs a subset of
the complete peripheral module functions with limita-
tions for sample rate, sample size, and no support for
coherent sampling.
2)
User-Supplied I2C Mode: The peripheral module pro-
vides a 12-pin Pmod-style header for user-supplied I2C
interface to connect the signals for SCL, SDA, RSTB,
and RDYB.
The peripheral module includes Windows XP®, Windows®
7, and Windows 8.1-compatible software for exercising
the features of the IC. The peripheral module GUI allows
different sample sizes, adjustable sampling rates, internal
or external reference options, and graphing software that
includes the FFT and histogram of the sampled signals.
The peripheral module can be powered by a local +3.3V
supply and comes installed with a MAX11259AWX+ in a
36-bump WLP package.
Features
● Various Sample Sizes and Sample Rates
● Time Domain, Frequency Domain, and Histogram
Plotting
● On-Board Voltage Reference (MAX6072)
● Proven PCB Layout
● Fully Assembled and Tested
● Windows XP-, Windows 7-, and Windows
8.1-Compatible Software
Pmod is a trademark of Digilent Inc.
Windows and Windows XP are registered trademarks and reg-
istered service marks of Microsoft Corporation.
Ordering Information appears at end of data sheet.
19-7738; Rev 0; 9/15


Similar Part No. - MAX11259

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11259 MAXIM-MAX11259 Datasheet
1Mb / 51P
24-Bit, 6-Channel, 16ksps, 6.2nV/?숰z PGA, Delta-Sigma ADC with I2C Interface
2021
MAX11259AWX+T MAXIM-MAX11259AWX+T Datasheet
1Mb / 51P
24-Bit, 6-Channel, 16ksps, 6.2nV/?숰z PGA, Delta-Sigma ADC with I2C Interface
2021
More results

Similar Description - MAX11259

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9986AEVKIT MAXIM-MAX9986AEVKIT Datasheet
209Kb / 8P
Fully Assembled and Tested
Rev 0; 11/06
MAX9985EVKIT MAXIM-MAX9985EVKIT Datasheet
233Kb / 7P
Fully Assembled and Tested
Rev 0; 8/07
MAX7058EVKIT MAXIM-MAX7058EVKIT Datasheet
682Kb / 7P
Fully Assembled and Tested
Rev 0; 10/09
MAX7037EVKIT MAXIM-MAX7037EVKIT Datasheet
3Mb / 31P
Fully Assembled and Tested
Rev 3; 7/18
MAX1162EVC16 MAXIM-MAX1162EVC16 Datasheet
232Kb / 8P
Fully Assembled and Tested
Rev 1; 12/06
MAX3100EVKIT MAXIM-MAX3100EVKIT Datasheet
388Kb / 12P
Fully Assembled and Tested
Rev 0; 3/08
MAX1757EVKIT MAXIM-MAX1757EVKIT Datasheet
153Kb / 5P
Fully Assembled and Tested
Rev 0; 10/00
MAX1400EVKIT MAXIM-MAX1400EVKIT Datasheet
211Kb / 12P
Fully Assembled and Tested
Rev 2; 5/07
MAX1240EVKIT MAXIM-MAX1240EVKIT Datasheet
1Mb / 8P
Fully Assembled and Tested
Rev 2; 3/18
MAX9132EVKIT MAXIM-MAX9132EVKIT Datasheet
661Kb / 14P
Fully Assembled and Tested
Rev 0; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com