Electronic Components Datasheet Search
  English  ▼

X  

MAX11259 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX11259
Description  Fully Assembled and Tested
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11259 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX11259 Datasheet HTML 1Page - Maxim Integrated Products MAX11259 Datasheet HTML 2Page - Maxim Integrated Products MAX11259 Datasheet HTML 3Page - Maxim Integrated Products MAX11259 Datasheet HTML 4Page - Maxim Integrated Products MAX11259 Datasheet HTML 5Page - Maxim Integrated Products MAX11259 Datasheet HTML 6Page - Maxim Integrated Products MAX11259 Datasheet HTML 7Page - Maxim Integrated Products MAX11259 Datasheet HTML 8Page - Maxim Integrated Products MAX11259 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Maxim Integrated │ 3
www.maximintegrated.com
Evaluates: MAX11259
MAX11259PMB Peripheral Module
Quick Start
Required Equipment
● MAX11259PMB
● +3.3V (50mA) for the MAX11259PMB
● Micro-USB cable
● USB2PMB2# adapter
● Function generator (optional)
● Windows XP, Windows 7, or Windows 8.1 PC with a
spare USB port
Note: In the following section(s), software-related items
are identified by bolding. Text in
bold refers to items direct-
ly from the EV system software. Text in
bold and under-
line refers to items from the Windows operating system.
Procedure
The peripheral module is fully assembled and tested.
Follow the steps below to verify board operation:
1) Visit
www.maximintegrated.com/evkitsoftware to
download the latest version of the peripheral mod-
ule software, MAX11253_54_59EVkitSetupV1.12.zip.
Save the peripheral module software to a temporary
folder and uncompress the ZIP file.
2) Install the peripheral module software and
USB driver on your computer by running the
MAX11253_54_59EVkitSetupV1.12.exe program in-
side the temporary folder. The program files are cop-
ied to your PC and icons are created in the Windows
Start | Programs menu. At the end of the installation
process the installer will launch the installer for the
FTDIChip CDM drivers.
3) Verify that all jumpers are in their default positions for
the peripheral module board (Table 1).
FILE
DECRIPTION
MAX11253_54_59EvkitSetupV1.12.exe
Application Program
(GUI)
System Block Diagram
MAX11259PMB Peripheral Module Files



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com