Electronic Components Datasheet Search
  English  ▼

X  

MAX11259 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX11259
Description  Fully Assembled and Tested
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11259 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX11259 Datasheet HTML 9Page - Maxim Integrated Products MAX11259 Datasheet HTML 10Page - Maxim Integrated Products MAX11259 Datasheet HTML 11Page - Maxim Integrated Products MAX11259 Datasheet HTML 12Page - Maxim Integrated Products MAX11259 Datasheet HTML 13Page - Maxim Integrated Products MAX11259 Datasheet HTML 14Page - Maxim Integrated Products MAX11259 Datasheet HTML 15Page - Maxim Integrated Products MAX11259 Datasheet HTML 16Page - Maxim Integrated Products MAX11259 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Maxim Integrated │ 13
www.maximintegrated.com
Evaluates: MAX11259
MAX11259PMB Peripheral Module
Scan Mode Tab
The
Scan Mode tab is used to perform selected data
conversions and read the converted data.
In the
Sequence Setting section at the bottom, set the
desired sequencer mode (2 or 3) from the
Sequence
Mode drop-down menu and select whether to assert
the RDYB pin
after one channel or after scan com-
pletes options under the RDYB menu. Check the GPO
Sequencer Mode and Enable boxes as desired. Then
set the conversion time delay in µs for MUX and GPO by
clicking on the
+ or - buttons under the MUX Delay and
GPO Delay menu, allowing for high impedance source
networks to stabilize after the channels are selected.
Finally press the
Read All button to view the selected
settings.
In the
Read Data section on top, select the desired unit
in either LSB or voltage (V, mV, or µV) under the
Display
Unit drop-down menu. Then choose the desired sample
rate by clicking on the
Sample Rate drop-down menu
under. Finally, click the Scan button to start convert-
ing and press the
Read Data button to view the con-
verted data displayed on the right hand side as shown in
Figure 7.
Figure 7. Peripheral Module Software (Scan Mode Tab)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com