Electronic Components Datasheet Search
  English  ▼

X  

TQL9063 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # TQL9063
Description  Ultra Low-Noise, Bypass LNA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TQL9063 Datasheet(HTML) 1 Page - Qorvo, Inc

  TQL9063 Datasheet HTML 1Page - Qorvo, Inc TQL9063 Datasheet HTML 2Page - Qorvo, Inc TQL9063 Datasheet HTML 3Page - Qorvo, Inc TQL9063 Datasheet HTML 4Page - Qorvo, Inc TQL9063 Datasheet HTML 5Page - Qorvo, Inc TQL9063 Datasheet HTML 6Page - Qorvo, Inc TQL9063 Datasheet HTML 7Page - Qorvo, Inc TQL9063 Datasheet HTML 8Page - Qorvo, Inc TQL9063 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TQL9063
Ultra Low-Noise, Bypass LNA
Data Sheet, June 5, 2017 | Subject to change without notice
1 of 12
www.qorvo.com
®
8-pin 2x2 mm DFN Package
Applications
 Base Station Receivers
 Tower Mount Amplifiers
 Repeaters
 FDD-LTE, TDD-LTE, WCDMA
 General Purpose Wireless
Product Overview
The TQL9063 is a high-linearity, ultra-low noise gain block
amplifier with a bypass mode functionality integrated in the
product. At
1.95 GHz, the amplifier typically provides 19 dB
gain, +36.3 dBm OIP3, and 0.7 dB noise figure while
drawing 77 mA current from a +5
 V supply. The component
also provides high linearity in the bypass mode with +39
dBm IIP3.
The TQL9063 is internally matched using a high-
performance E-pHEMT process and only requires four
external components for operation from a single positive
supply: an external RF choke and blocking/bypass
capacitors. This low noise amplifier contains an internal
active bias to maintain high performance over temperature.
The TQL9063 covers the 0.5
 – 4.0 GHz frequency band and
is targeted for wireless infrastructure.
The TQL9063 is
packaged in a 2 x 2 mm DFN.
Functional Block Diagram
Top View
Key Features
 0.5 – 4.0 GHz Operational bandwidth
 LNA with integrated bypass mode
 Ability to turn LNA and bypass mode OFF
 Ultra low noise, 0.7 dB at 1.95 GHz
 19 dB Gain at 1.95 GHz
 +36.3 dBm Output IP3 in LNA Mode
 +39 dBm Input IP3 in Bypass Mode
 Internally matched
 Positive supply only, +3.3 to +5 V
 2x2 mm 8-pin DFN plastic package
Ordering Information
Part No.
Description
TQL9063
500
−4000 MHz Bypass LNA
TQL9063-PCB
500
−4000 MHz Evaluation Board
Standard T/R size = 2500 pieces on a 7
” reel
Backside Paddle - RF/DC GND
Pin 1 Reference Mark
8
7
6
5
1
2
3
4
V
DD
RF Out
V
SD
N/C
GND
RF In
V
BYP
N/C


Similar Part No. - TQL9063

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQL9062 QORVO-TQL9062 Datasheet
849Kb / 9P
High Linearity Gain Block with Shutdown
April 30, 2018
TQL9062-PCB QORVO-TQL9062-PCB Datasheet
849Kb / 9P
High Linearity Gain Block with Shutdown
April 30, 2018
TQL9066 QORVO-TQL9066 Datasheet
788Kb / 10P
50 ??1500 MHz Dual LNA
TQL9066-PCB QORVO-TQL9066-PCB Datasheet
788Kb / 10P
50 ??1500 MHz Dual LNA
More results

Similar Description - TQL9063

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQL9092 TRIQUINT-TQL9092 Datasheet
574Kb / 9P
Ultra Low Noise, Flat Gain LNA
QPL9095 TRIQUINT-QPL9095 Datasheet
837Kb / 8P
Ultra Low-Noise, Bypass LNA
QPL9096 TRIQUINT-QPL9096 Datasheet
956Kb / 10P
Ultra Low-Noise, Bypass LNA
QPL9097 TRIQUINT-QPL9097 Datasheet
704Kb / 9P
Ultra Low-Noise, Bypass LNA
logo
Qorvo, Inc
QPL9065 QORVO-QPL9065 Datasheet
3Mb / 12P
Ultra Low-Noise 2-Stage Bypass LNA
TQP3M9036 QORVO-TQP3M9036 Datasheet
832Kb / 12P
Ultra-Low Noise, High Linearity LNA
QPL9098 QORVO-QPL9098 Datasheet
2Mb / 17P
Ultra-Low Noise, Bypass LNA
July 25, 2020
QPL9096 QORVO-QPL9096 Datasheet
956Kb / 10P
Ultra Low-Noise, Bypass LNA
July 5, 2017
QPL9097 QORVO-QPL9097 Datasheet
859Kb / 11P
Ultra-Low Noise, Bypass LNA
September 21, 2018
QPL9095 QORVO-QPL9095 Datasheet
976Kb / 10P
Ultra Low-Noise, Bypass LNA
July 21, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com