Electronic Components Datasheet Search
  English  ▼

X  

TQL9063 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # TQL9063
Description  Ultra Low-Noise, Bypass LNA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TQL9063 Datasheet(HTML) 4 Page - Qorvo, Inc

  TQL9063 Datasheet HTML 1Page - Qorvo, Inc TQL9063 Datasheet HTML 2Page - Qorvo, Inc TQL9063 Datasheet HTML 3Page - Qorvo, Inc TQL9063 Datasheet HTML 4Page - Qorvo, Inc TQL9063 Datasheet HTML 5Page - Qorvo, Inc TQL9063 Datasheet HTML 6Page - Qorvo, Inc TQL9063 Datasheet HTML 7Page - Qorvo, Inc TQL9063 Datasheet HTML 8Page - Qorvo, Inc TQL9063 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TQL9063
Ultra Low-Noise, Bypass LNA
Data Sheet, June 5, 2017 | Subject to change without notice
4 of 12
www.qorvo.com
®
TQL9063-PCB Evaluation Board
See Evaluation Board PCB Information section for PCB material and stack-up.
Bill of Material
– TQL9063-PCB
Reference Des.
Value
Description
Manuf.
Part Number
U1
n/a
Bypass LNA
Qorvo
TQL9063
C2
27 pF
CAP, chip, 0402
Various
C1, C3, C4, C7, C8
100 pF
CAP, 0402, +/-5%, 50V
Panasonic
ECJ-0EC1H101J
C6
1000 pF
CAP, 0402
various
C5
1.0 uF
Cap., Chip, 0402, 10%, 10V, X5R
various
R1, R2, R3
0
Ω
RES, 0402, +/-5%, 1/10W
various
L1
68 nH
IND, 0603, +/-5%
Coilcraft
0603CS-68NXJL
C5
C6
U1
C4
C3
C2
R1
C1
C7
C8
J2
RF
Output
J8 GND
J3 V
DD
J1
RF
Input
L1
68 nH
(0603)
C2
27 pF
C1
100 pF
C6
1000 pF
C5
1 uF
R3
0
8
7
6
5
1
2
3
4
J5 V1
J4 V2
R2
0
R1
0
U1
C8
100 pF
C7
100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com