Electronic Components Datasheet Search
  English  ▼

X  

TQL9063 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # TQL9063
Description  Ultra Low-Noise, Bypass LNA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TQL9063 Datasheet(HTML) 3 Page - Qorvo, Inc

  TQL9063 Datasheet HTML 1Page - Qorvo, Inc TQL9063 Datasheet HTML 2Page - Qorvo, Inc TQL9063 Datasheet HTML 3Page - Qorvo, Inc TQL9063 Datasheet HTML 4Page - Qorvo, Inc TQL9063 Datasheet HTML 5Page - Qorvo, Inc TQL9063 Datasheet HTML 6Page - Qorvo, Inc TQL9063 Datasheet HTML 7Page - Qorvo, Inc TQL9063 Datasheet HTML 8Page - Qorvo, Inc TQL9063 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TQL9063
Ultra Low-Noise, Bypass LNA
Data Sheet, June 5, 2017 | Subject to change without notice
3 of 12
www.qorvo.com
®
De-embedded S-Parameters (LNA Mode)
Test Conditions: VDD=+5 V, IDD=75 mA (typ.), T=+25
°C, unmatched 50 ohm system, calibrated to device leads
Freq (GHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
0.1
-0.34
-18.46
10.47
-40.24
-49.61
153.06
-0.20
-49.20
0.3
-2.46
-56.16
25.14
-126.62
-33.50
92.83
-4.56
-154.92
0.4
-4.03
-65.89
26.03
-156.47
-31.84
74.30
-8.52
162.29
0.6
-5.84
-77.87
25.55
166.99
-30.62
57.06
-14.43
89.93
0.7
-6.38
-83.02
25.03
154.63
-30.24
52.96
-15.50
58.24
0.8
-6.80
-87.84
24.47
144.39
-29.91
50.25
-15.55
32.10
1
-7.45
-96.37
23.34
127.97
-29.31
47.05
-14.41
-4.20
1.2
-7.92
-103.39
22.23
114.95
-28.74
45.37
-13.04
-27.33
1.3
-8.11
-106.38
21.70
109.30
-28.47
44.80
-12.41
-36.16
1.4
-8.27
-109.05
21.18
104.07
-28.20
44.35
-11.83
-43.80
1.5
-8.41
-111.43
20.67
99.21
-27.93
43.96
-11.30
-50.53
1.6
-8.52
-113.55
20.18
94.65
-27.67
43.62
-10.81
-56.56
1.7
-8.62
-115.44
19.69
90.36
-27.42
43.31
-10.36
-62.02
1.8
-8.71
-117.11
19.23
86.30
-27.17
43.01
-9.95
-67.01
1.9
-8.78
-118.58
18.77
82.44
-26.92
42.72
-9.57
-71.62
2
-8.83
-119.88
18.33
78.75
-26.68
42.42
-9.22
-75.91
2.1
-8.88
-121.03
17.90
75.22
-26.45
42.13
-8.90
-79.92
2.2
-8.91
-122.03
17.48
71.83
-26.22
41.83
-8.60
-83.70
2.3
-8.93
-122.92
17.07
68.57
-26.00
41.51
-8.33
-87.26
2.4
-8.94
-123.69
16.66
65.42
-25.78
41.19
-8.08
-90.64
2.5
-8.94
-124.36
16.27
62.37
-25.56
40.86
-7.85
-93.86
2.6
-8.92
-124.95
15.89
59.42
-25.35
40.52
-7.64
-96.93
2.7
-8.91
-125.47
15.52
56.55
-25.15
40.17
-7.45
-99.87
2.8
-8.88
-125.92
15.15
53.76
-24.95
39.81
-7.27
-102.69
3
-8.80
-126.67
14.45
48.39
-24.56
39.06
-6.97
-108.03
3.2
-8.69
-127.26
13.77
43.26
-24.18
38.26
-6.73
-113.00
3.4
-8.56
-127.74
13.12
38.32
-23.82
37.41
-6.53
-117.68
3.6
-8.41
-128.16
12.50
33.56
-23.46
36.52
-6.39
-122.10
3.8
-8.24
-128.54
11.90
28.94
-23.12
35.57
-6.30
-126.30
4
-8.05
-128.93
11.32
24.43
-22.78
34.56
-6.26
-130.29
Noise Parameters (LNA Mode)
Test conditions unless otherwise noted: VDD=+5 V, IDD=75 mA (typ.), Temp=+25°C, 50 Ohm system
Freq (GHz)
NFmin (dB)
GammaOpt (mag)
GammaOpt (deg)
Rn (
Ω)
1.5
0.46
0.27
73.07
3.17
1.6
0.47
0.27
76.39
3.15
1.7
0.47
0.28
79.57
3.14
1.8
0.48
0.28
82.63
3.12
1.9
0.49
0.29
85.57
3.11
2
0.50
0.29
88.39
3.10
2.1
0.50
0.30
91.10
3.08
2.2
0.51
0.31
93.70
3.07
2.3
0.52
0.31
96.20
3.06
2.4
0.53
0.32
98.60
3.04
2.5
0.54
0.33
100.91
3.03
2.6
0.55
0.33
103.13
3.02
2.7
0.56
0.34
105.27
3.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com