Electronic Components Datasheet Search
  English  ▼

X  

MAX14432 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14432
Description  Broad Range of Data Transfer Rates (from DC to 200Mbps)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14432 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14432 Datasheet HTML 1Page - Maxim Integrated Products MAX14432 Datasheet HTML 2Page - Maxim Integrated Products MAX14432 Datasheet HTML 3Page - Maxim Integrated Products MAX14432 Datasheet HTML 4Page - Maxim Integrated Products MAX14432 Datasheet HTML 5Page - Maxim Integrated Products MAX14432 Datasheet HTML 6Page - Maxim Integrated Products MAX14432 Datasheet HTML 7Page - Maxim Integrated Products MAX14432 Datasheet HTML 8Page - Maxim Integrated Products MAX14432 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Evaluates: MAX14430–MAX14432
MAX14430–MAX14432 Evaluation Kit
General Description
The MAX14430-MAX14432 evaluation kit (EV kit) provides
a proven design to evaluate the MAX14430-MAX14432
four-channel unidirectional digital isolators. Three types of
evaluation boards are available to support different chan-
nel direction configurations of the MAX14430-MAX14432
family. All evaluation boards support the narrow-body
16-pin SOIC package type. See Table 1 for EV kit options.
The EV kit should be powered from two independent
isolated power supplies with nominal output voltage in
range from 1.71V to 5.5V. For evaluating the electrical
parameters of the device without any isolation between
the two sides, a single power supply can also be used.
The MAX14430FSEVKIT# comes populated with a
MAX14430FASE+, but can also be used to evaluate the
following digital isolators:
MAX14430BASE+
MAX14430CASE+
MAX14430EASE+
The MAX14431FSEVKIT# comes populated with the
MAX14431FASE+, but can also be used to evaluate the
following digital isolators:
MAX14431BASE+, MAX14431CASE+
MAX14431EASE+, MAX14431RASE+
MAX14431SASE+, MAX14431UASE+,
MAX14431VASE+
The MAX14432FSEVKIT# comes populated with the
MAX14432FASE+, but can also be used to evaluate the
following digital isolators:
MAX14432BASE+
MAX14432CASE+
MAX14432EASE+
The MAX14430EAEE+ and MAX14431CAEE+ have
the same functionality and electrical performance as
the MAX14430EASE+ and MAX14431CASE+, but in
a 16-QSOP package. The MAX14432FSEVKIT# can
be used to evaluate the electrical performance of the
MAX14430EAEE+ and MAX14431CAEE+ with the
MAX14430EASE+ or MAX14431CASE+ installed as U1.
Features
● Broad Range of Data Transfer Rates (from DC to
200Mbps)
● Four Unidirectional Channels with 3 Different
Channel Direction Configurations
● SMA Connectors for Easy Connection to External
Equipment
● Wide Power Supply Voltage Range from 1.71V to
5.5V
● Guaranteed Up to 3.75kVRMS Isolation for the
Narrow-Body SOIC Package for 60s
319-100148; Rev 3; 9/20
Ordering Information appears at end of data sheet.
Table 1. EV Kit Options
EV KIT PART NUMBER
TARGET DEVICE
PACKAGE TYPE
COMMENT
MAX14430FSEVKIT#
MAX14430FASE+
16-SOIC narrow-body
200Mbps IC populated
MAX14431FSEVKIT#
MAX14431FASE+
16-SOIC narrow-body
200Mbps IC populated
MAX14432FSEVKIT#
MAX14432FASE+
16-SOIC narrow-body
200Mbps IC populated
Click
here for production status of specific part numbers.


Similar Part No. - MAX14432

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14432 MAXIM-MAX14432 Datasheet
1Mb / 31P
Four-Channel, Fast, Low-Power, 3kVRMS and 3.75kVRMS Digital Isolators
Rev 5; 11/20
MAX14432BASE+* MAXIM-MAX14432BASE+* Datasheet
1Mb / 31P
Four-Channel, Fast, Low-Power, 3kVRMS and 3.75kVRMS Digital Isolators
2022
MAX14432CASE+* MAXIM-MAX14432CASE+* Datasheet
1Mb / 31P
Four-Channel, Fast, Low-Power, 3kVRMS and 3.75kVRMS Digital Isolators
2022
MAX14432EASE+* MAXIM-MAX14432EASE+* Datasheet
1Mb / 31P
Four-Channel, Fast, Low-Power, 3kVRMS and 3.75kVRMS Digital Isolators
2022
MAX14432FASE+ MAXIM-MAX14432FASE+ Datasheet
1Mb / 31P
Four-Channel, Fast, Low-Power, 3kVRMS and 3.75kVRMS Digital Isolators
2022
More results

Similar Description - MAX14432

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX12934FWEVKIT MAXIM-MAX12934FWEVKIT Datasheet
1Mb / 9P
Broad Range of Data Transfer Rates (from DC to 200Mbps)
2017
MAX12935BWEVKIT MAXIM-MAX12935BWEVKIT Datasheet
1Mb / 9P
Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 0; 11/17
MAX12935FWEVKIT MAXIM-MAX12935FWEVKIT Datasheet
1Mb / 9P
Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 0; 11/17
MAX14434FWEVKIT MAXIM-MAX14434FWEVKIT Datasheet
1Mb / 11P
Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 0; 7/17
MAX14436FWEVKIT MAXIM-MAX14436FWEVKIT Datasheet
1Mb / 11P
Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 0; 7/17
MAX12934BWEVKIT MAXIM-MAX12934BWEVKIT Datasheet
1Mb / 9P
Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 1; 8/20
MAX12931BSEVKIT MAXIM-MAX12931BSEVKIT Datasheet
4Mb / 20P
Broad Range of Data Transfer Rates (from DC to 150Mbps)
Rev 0; 6/16
MAX22445FWEVKIT MAXIM-MAX22445FWEVKIT Datasheet
1Mb / 12P
Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 0; 3/18
MAX22345CSEVKIT MAXIM-MAX22345CSEVKIT Datasheet
1Mb / 12P
Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 1; 10/18
MAX22246CWEVKIT MAXIM-MAX22246CWEVKIT Datasheet
1Mb / 11P
Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 0; 5/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com