Electronic Components Datasheet Search
  English  ▼

X  

MAX14432 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14432
Description  Broad Range of Data Transfer Rates (from DC to 200Mbps)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14432 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14432 Datasheet HTML 1Page - Maxim Integrated Products MAX14432 Datasheet HTML 2Page - Maxim Integrated Products MAX14432 Datasheet HTML 3Page - Maxim Integrated Products MAX14432 Datasheet HTML 4Page - Maxim Integrated Products MAX14432 Datasheet HTML 5Page - Maxim Integrated Products MAX14432 Datasheet HTML 6Page - Maxim Integrated Products MAX14432 Datasheet HTML 7Page - Maxim Integrated Products MAX14432 Datasheet HTML 8Page - Maxim Integrated Products MAX14432 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX14430–MAX14432
MAX14430–MAX14432 Evaluation Kit
TEST POINT
DESCRIPTION
SIDE A
TP_VDDA
Test point for VDDA
TP_GNDA
Test point for GNDA
TPA1
Test point for SMA connector A1
TPA2
Test point for SMA connector A2
TPA3
Test point for SMA connector A3
TPA4
Test point for SMA connector A4
TP_ENA
Test point for jumper ENA pin 2
SIDE B
TP_VDDB
Test point for VDDB
TP_GNDB
Test point for GNDB
TPB1
Test point for SMA connector B1
TPB2
Test point for SMA connector B2
TPB3
Test point for SMA connector B3
TPB4
Test point for SMA connector B4
TP_ENB
Test point for jumper ENB pin 2
*Default configuration
Table 2. MAX1443XS EV Kits Board Connectors and Shunt Positions (continued)
Table 3. EV Kits Test Points
CONNECTOR SHUNT POSITION
DESCRIPTION
SIDE B
HEADER2
1
Test point or input header for VDDB
2
Test point or input header for GNDB
3
Test point or input header for I/O; same as B1 SMA
4
Test point or input header for I/O; same as B2 SMA
5
Test point or input header for I/O; same as B3 SMA
6
Test point or input header for I/O; same as B4 SMA
7
Test point or input header for side B enable; same as ENB jumper pin 2
8
Test point or input header for GNDB
B1 (SMA)
n/a
I/O on side B
B2 (SMA)
n/a
I/O on side B
B3 (SMA)
n/a
I/O on side B
B4 (SMA)
n/a
I/O on side B
J2
Open
Use current meter to measure current of side B
1-2*
Connect power supply to VDDB
ENB
1-2*
Connect side B enable pin to VDDB; side B outputs are enabled. Default setting on EV kits
2-3
Connect side B enable pin to GNDB; side B outputs are high-impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com