Electronic Components Datasheet Search
  English  ▼

X  

MAX14432 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX14432
Description  Broad Range of Data Transfer Rates (from DC to 200Mbps)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14432 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX14432 Datasheet HTML 1Page - Maxim Integrated Products MAX14432 Datasheet HTML 2Page - Maxim Integrated Products MAX14432 Datasheet HTML 3Page - Maxim Integrated Products MAX14432 Datasheet HTML 4Page - Maxim Integrated Products MAX14432 Datasheet HTML 5Page - Maxim Integrated Products MAX14432 Datasheet HTML 6Page - Maxim Integrated Products MAX14432 Datasheet HTML 7Page - Maxim Integrated Products MAX14432 Datasheet HTML 8Page - Maxim Integrated Products MAX14432 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Maxim Integrated │ 3
www.maximintegrated.com
Evaluates: MAX14430–MAX14432
MAX14430–MAX14432 Evaluation Kit
Quick Start
Required Equipment
● MAX14430FS, MAX14431FS, or MAX14432FS EV kit
● Two DC power supplies with output range of 1.71V
to 5.5V
● Signal/function generator
● Oscilloscope
Procedure
The MAX14430FS, MAX14431FS, and MAX14432FS
EV kits are fully assembled and ready for evaluation. For
manual verification follow the steps below to verify board
functionality:
1) Verify jumper settings. See Table 2 for all shunt positions.
• J1 and J2 are closed.
• Jumper ENA is either in 1-2 position if U1 ENA (pin
7) has active-high polarity, or in 2-3 position if U1
ENA
(pin 7) has active-low polarity.
• Jumper ENB is in 1-2 position.
2) Connect one DC power supply between the EV kit’s
TP_VDDA and TP_GNDA test points; connect the
other DC power supply between TP_VDDB and TP_
GNDB test points.
3) Set both DC power supply outputs between 1.71V
and 5.5V, and then enable the power supply outputs.
Note: It is also possible to power the EV kits from a
single power supply to test electrical parameters but
this invalidates the digital isolation of the IC.
4) Connect the signal/function generator to the SMA
connector or test point of side A and observe the
isolated signal on the corresponding side B output,
using an oscilloscope.
CONNECTOR SHUNT POSITION
DESCRIPTION
SIDE A
HEADER1
1
Test point or input header for VDDA
2
Test point or input header for GNDA
3
Test point or input header for I/O; same as A1 SMA
4
Test point or input header for I/O; same as A2 SMA
5
Test point or input header for I/O; same as A3 SMA
6
Test point or input header for I/O; same as A4 SMA
7
Test point or input header for side A enable; same as ENA jumper pin 2
8
Test point or input header for GNDA
A1 (SMA)
n/a
I/O on side A
A2 (SMA)
n/a
I/O on side A
A3 (SMA)
n/a
I/O on side A
A4 (SMA)
n/a
I/O on side A
J1
Open
Use current meter to measure current of side A
1-2*
Connect power supply to VDDA
ENA
1-2*
Connect side A enable pin to VDDA; side A outputs are enabled if ENA is active-high or
high-impedance if active-low. Default setting on EV kits
2-3
Connect side A enable pin to GNDA; side A outputs are high-impedance if ENA is active-
high or enabled if active-low.
Table 2. MAX1443XS EV Kits Board Connectors and Shunt Positions



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com