Electronic Components Datasheet Search
  English  ▼

X  

MAX12554 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX12554
Description  Low-Voltage and Low-Power Operation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX12554 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX12554 Datasheet HTML 1Page - Maxim Integrated Products MAX12554 Datasheet HTML 2Page - Maxim Integrated Products MAX12554 Datasheet HTML 3Page - Maxim Integrated Products MAX12554 Datasheet HTML 4Page - Maxim Integrated Products MAX12554 Datasheet HTML 5Page - Maxim Integrated Products MAX12554 Datasheet HTML 6Page - Maxim Integrated Products MAX12554 Datasheet HTML 7Page - Maxim Integrated Products MAX12554 Datasheet HTML 8Page - Maxim Integrated Products MAX12554 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX12553/MAX12554/MAX12555 evaluation kits (EV
kits) are fully assembled and tested PCBs that contain all
the components necessary to evaluate the performance
of this family of 14-bit, analog-to-digital converters
(ADCs). These ADCs accept differential or single-ended
analog inputs, however, the EV kits allow for evaluation
with either type of signal from one single-ended analog-
signal source. The digital outputs produced by the ADCs
are captured easily with a user-provided high-speed logic
analyzer or data-acquisition system. The EV kits operate
from a 1.8V and a 3.3V power supply and include circuit-
ry that generates a low-jitter clock signal from an AC
signal provided by the user.
Features
o 95Msps Sampling Rate with the MAX12555
o 80Msps Sampling Rate with the MAX12554
o 65Msps Sampling Rate with the MAX12553
o Low-Voltage and Low-Power Operation
o Fully Differential or Single-Ended Signal-Input
Configuration
o Differential or Single-Ended Clock Configuration
o On-Board Clock-Shaping Circuit with Adjustable
Duty Cycle
o Fully Assembled and Tested
MAX12553/MAX12554/MAX12555
Evaluation Kits
________________________________________________________________
Maxim Integrated Products
1
19-3659; Rev 1; 10/06
Component List
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
+
Denotes a lead-free and RoHS-compliant EV kit.
*
EP = Exposed paddle.
PART
TEMP RANGE
IC PACKAGE
MAX12555EVKIT+
0°C to +70°C
40 Thin QFN-EP*
MAX12554EVKIT+
0°C to +70°C
40 Thin QFN-EP*
MAX12553EVKIT+
0°C to +70°C
40 Thin QFN-EP*
Part Selection Table
PART NUMBER
SPEED (Msps)
APPLICATION
MAX12555ETL+
95
IF/Baseband
Sampling
MAX12554ETL+
80
IF/Baseband
Sampling
MAX12553ETL+
65
IF/Baseband
Sampling
DESIGNATION
QTY
DESCRIPTION
C1, C2, C7, C33
4
22µF ±20%, 10V tantalum
capacitors (B-case)
AVX TAJB226M010
C3, C4, C6,
C8–C12, C17,
C21, C27, C34,
C43, C45
14
1.0µF ±10%, 6.3V X5R ceramic
capacitors (0402)
TDK C1005X5R0J105K
KEMET C0402C105K9PAC
C5, C14, C16,
C18, C19, C20,
C38, C44, C49,
C50
0
Not installed, capacitors (0402)
C13, C15,
C22–C26, C42
8
0.1µF ±20%, 10V X5R ceramic
capacitors (0402)
TDK C1005X5R1A104M
KEMET C0402C104K8PAC
C28
1
10µF ±20%, 6.3V X5R ceramic
capacitor (0805)
TDK C2012X5R0J106M
KEMET C0805C106K9PAC
DESIGNATION
QTY
DESCRIPTION
C29, C40, C41,
C48, C51, C52
0
Not installed, capacitors (0603)
C30, C31, C32,
C35, C36, C37
6
2.2µF ±20%, 6.3V X5R ceramic
capacitors (0603)
TDK C1608X5R0J225M
Panasonic ECJ1VB0J225K
C39
1
4.7µF ±10%, 6.3V X5R ceramic
capacitor (0603)
TDK C1608X5R0J475K
Panasonic ECJ1VB0J475K
C46, C47
2
15pF ±5%, 50V C0G ceramic
capacitors (0402)
Murata GRM1555C1H150J
CLOCK4
0
Not installed, SMA vertical
connector (SMA)
CLOCK, AINP,
AINN
3
SMA vertical PC mount
connectors (SMA)
Component List continued on next page.


Similar Part No. - MAX12554

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX12554 MAXIM-MAX12554 Datasheet
762Kb / 28P
14-Bit, 95Msps, 3.3V ADC
Rev 0; 10/04
More results

Similar Description - MAX12554

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C56 ATMEL-AT93C56_14 Datasheet
377Kb / 21P
Low-voltage and Standard-voltage Operation
AT25080 ATMEL-AT25080_14 Datasheet
337Kb / 21P
Low-voltage and Standard-voltage Operation
AT25160 ATMEL-AT25160_14 Datasheet
337Kb / 21P
Low-voltage and Standard-voltage Operation
AT25256 ATMEL-AT25256_14 Datasheet
438Kb / 22P
Low-voltage and Standard-voltage Operation
logo
Maxim Integrated Produc...
MAX1198EVKIT MAXIM-MAX1198EVKIT Datasheet
516Kb / 10P
Low-Voltage and Low-Power Operation
Rev 0; 8/02
MAX1434EVKIT MAXIM-MAX1434EVKIT Datasheet
1Mb / 23P
Low-Voltage and Low-Power Operation
Rev 1; 8/10
MAX12527EVKIT MAXIM-MAX12527EVKIT Datasheet
753Kb / 21P
Low-Voltage and Low-Power Operation
Rev 2; 3/21
MAX19710EVKIT MAXIM-MAX19710EVKIT Datasheet
685Kb / 21P
Low-Voltage and Low-Power Operation
Rev 1; 6/07
MAX19541EVKIT MAXIM-MAX19541EVKIT Datasheet
441Kb / 14P
Low-Voltage and Low-Power Operation
Rev 1; 5/07
MAX19527EVKIT MAXIM-MAX19527EVKIT Datasheet
3Mb / 26P
Low-Voltage and Low-Power Operation
Rev 0; 9/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com