Electronic Components Datasheet Search
  English  ▼

X  

MAX12554 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX12554
Description  Low-Voltage and Low-Power Operation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX12554 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX12554 Datasheet HTML 1Page - Maxim Integrated Products MAX12554 Datasheet HTML 2Page - Maxim Integrated Products MAX12554 Datasheet HTML 3Page - Maxim Integrated Products MAX12554 Datasheet HTML 4Page - Maxim Integrated Products MAX12554 Datasheet HTML 5Page - Maxim Integrated Products MAX12554 Datasheet HTML 6Page - Maxim Integrated Products MAX12554 Datasheet HTML 7Page - Maxim Integrated Products MAX12554 Datasheet HTML 8Page - Maxim Integrated Products MAX12554 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Quick Start
Recommended Equipment
•
DC power supplies:
Digital (VLDUT) 1.8V, 100mA
Logic (VL) 1.8V, 100mA
Analog (VDUT) 3.3V, 250mA
•
Signal generator with low phase noise and low jitter
for clock input (e.g., HP/Agilent 8644B)
•
Signal generator for analog-signal input (e.g.,
HP/Agilent 8644B)
•
Logic analyzer or data-acquisition system (e.g.,
HP/Agilent 16500C)
•
Analog bandpass filters (e.g., K&L Microwave) for
input and clock signals
•
Digital voltmeter
Procedure
Each EV kit is a fully assembled and tested surface-
mount PCB. Follow the steps below to verify board opera-
tion. Caution: Do not turn on power supplies or enable
signal generators until all connections are completed.
1) Verify that shunts are installed across pins 2-3 of
jumpers JU2 (ADC enabled) and JU3 (two’s-com-
plement digital-output format).
2) Verify that shunts are installed across pins 1-2 of
jumpers JU4 (internal duty-cycle equalizer enabled)
and JU5 (differential clock configuration).
3) Verify that shunts are installed across pins 2-3 of
jumper JU6 and across pins 1-2 of jumpers JU7
and JU8.
4) Connect the clock generator output to the clock
bandpass filter input.
5) Connect the output of the clock bandpass filter to
the CLOCK SMA connector.
6) Connect the output of the analog-signal generator
to the input of the signal bandpass filter. Keep the
cable connection between the signal generators, fil-
ters, and EV kit board as short as possible for opti-
mum dynamic performance.
7) Connect the output of the signal bandpass filter to
the AINP SMA connector. Note: It is recommend-
ed that a 3dB or 6dB attenuation pad be used to
reduce reflections and distortion from the band-
pass filter.
8) Connect the logic analyzer to the square pin header
(J1). See the
Digital Output section for bit locations
and J1 header designations. The system clock is
available on pin 3 of J1.
9) Connect a 3.3V, 250mA power supply to VDUT.
Connect the ground terminal of this supply to the
corresponding GND pad.
10) Connect a 1.8V, 100mA power supply to VL.
Connect the ground terminal of this supply to the
GND pad.
11) Connect a 1.8V, 100mA power supply to VLDUT.
Connect the ground terminal of this supply to the
GND pad.
12) Turn on the 3.3V power supply.
13) Turn on the 1.8V power supplies.
14) Enable the signal generators.
15) Set the clock-signal generator to the desired clock
frequency. See the
Part Selection Table for appropri-
ate frequency settings for each EV kit. The amplitude
of the generator should be sufficient to produce a
16dBm signal at the SMA input of the EV kits.
16) Set the analog input-signal generators for an output
amplitude of less than or equal to 2VP-P and to the
desired test frequency.
17) Verify that the two signal generators are synchro-
nized to each other. Adjust the output power level
of the signal generators to overcome cable, band-
pass filter, and attenuation pad losses at the input.
18) Enable the logic analyzer.
19) Collect data using the logic analyzer.
Detailed Description
Each EV kit is a fully assembled and tested PCB that
contains all the components necessary to evaluate the
performance of the MAX12553, MAX12554, or MAX12555
IC. Data generated by the EV kits are captured on a
single 14-bit parallel bus. The EV kits accept differential
or single-ended analog inputs and single-ended clock
signals. With the proper board configuration, the ADC is
evaluated with both types of signals by supplying only
one single-ended analog signal to the EV kit.
The EV kits are designed as four-layer PCBs to opti-
mize the performance of this family of ADCs. For simple
operation, the EV kits require 3.3V and 1.8V power
supplies, applied to analog and digital power planes,
respectively. However, the digital plane operates down
to 1.7V without compromising the ADC’s performance.
The logic analyzer’s threshold must be adjusted
accordingly.
MAX12553/MAX12554/MAX12555
Evaluation Kits
_______________________________________________________________________________________
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com