Electronic Components Datasheet Search
  English  ▼

X  

MAX12554 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX12554
Description  Low-Voltage and Low-Power Operation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX12554 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX12554 Datasheet HTML 1Page - Maxim Integrated Products MAX12554 Datasheet HTML 2Page - Maxim Integrated Products MAX12554 Datasheet HTML 3Page - Maxim Integrated Products MAX12554 Datasheet HTML 4Page - Maxim Integrated Products MAX12554 Datasheet HTML 5Page - Maxim Integrated Products MAX12554 Datasheet HTML 6Page - Maxim Integrated Products MAX12554 Datasheet HTML 7Page - Maxim Integrated Products MAX12554 Datasheet HTML 8Page - Maxim Integrated Products MAX12554 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Access to the digital outputs is provided through con-
nector J1. The 40-pin connector easily interfaces with a
user-provided logic analyzer or data-acquisition system.
The DAV buffered output clock signal is available at pin
3 of J1 (CLKO) and is used to synchronize the output
data to the logic analyzer.
Power Supplies
The EV kits require separate analog and digital power
supplies for best performance. Separate 3.3V power
supplies are used to power the analog circuit blocks of
the converter (VDUT) and the clock-shaping circuit
(VCLK). To evaluate single-ended clock-signal opera-
tion, 3.3V must be supplied to VCLK. Separate 1.8V
power supplies are used to power the digital circuit
block of the converter (VLDUT) and the buffer/driver, U2
(VL). The digital circuit blocks of the EV kits operate with
voltage supplies as low as 1.7V and as high as 3.6V.
Clock Input
The MAX12553, MAX12554, and MAX12555 accept dif-
ferential or single-ended clock input signals. However,
the EV kits only accept a single-ended clock signal.
The EV kits include circuitry that converts a single-
ended signal to a differential clock signal through a
transformer or a user-installed differential clock driver
IC (U5). The EV kits also include clock-shaping circuitry
for a single-ended clock-signal configuration. Jumper
JU5 must be configured for differential or single-ended
clock-signal operation. See Table 1 for jumper settings.
Transformer-Coupled Differential Clock
A single-ended signal connected to the CLOCK SMA
connector is converted to a differential signal by trans-
former T3. In this mode, diode D1 limits the clock-signal
amplitude. Using this diode in the signal path allows the
clock signal to be increased significantly without violat-
ing the absolute maximum ratings of the converter
inputs, as the diode clips the input signal. Overdriving
the clock input to the board (CLOCK SMA) results in an
increased slew rate, which, in turn, compensates for the
negative effects that clock jitter imposes on parameters
such as signal-to-noise ratio (SNR) and signal-to-noise
plus distortion (SINAD). See Table 2 for jumper settings.
Install a shunt across pins 1-2 of jumper JU5 for differ-
ential clock operation. Note: While in transformer-
coupled differential clock mode, power to VCLK
should not be applied unless R10 is turned to one
extreme to avoid unnecessary triggering of U6.
Unnecessary triggering could potentially disturb the
ground plane with unwanted spur energy.
Clock-Shaping Circuit with Variable Duty Cycle
An on-board variable duty-cycle, clock-shaping circuit
generates a single-ended clock signal from an AC-cou-
pled sine wave applied to the CLOCK SMA connector.
Measure the clock signal at pin 2 of jumper JU7 and
adjust potentiometer R10 to obtain the desired duty
cycle. See Table 2 for shunt positions. A 3.3V voltage
source must be connected across VCLK and GND to
power the clock-circuit comparators.
Input Signal
The MAX12553, MAX12554, and MAX12555 accept dif-
ferential or single-ended analog input signals. However,
the EV kits require only a single-ended analog input
signal. Because the amplitude of the received signal at
the ADC depends on the actual cable and bandpass
filter loss, account for these losses when configuring
the signal-input generator. In differential mode, on-
board transformers T1 and T2 take the single-ended
analog input connected to the AINP SMA connector
and generate a differential analog signal at the ADC’s
input pins. For direct single-ended or differential input-
signal operation, the EV kit board circuit modifications
are listed in the
Direct AC-Coupled Differential Input
and
Direct AC-Coupled Single-Ended Input sections.
MAX12553/MAX12554/MAX12555
Evaluation Kits
4
_______________________________________________________________________________________
SHUNT
POSITION
CLKTYP PIN
CLOCK INPUT
CONFIGURATION
1-2*
Connected to VLDUT
Differential
2-3
Connected to GND
Single-Ended
Table 1. Clock Input Settings (JU5)
*
Default position.
JUMPER
SHUNT
POSITION
CLOCK MODE
JU4
2-3
JU6
1-2
JU7
2-3
JU8
2-3
Single-Ended Clock
Mode—See the Clock-Shaping
Circuit with Variable Duty Cycle
section.
JU4
1-2*
JU6
2-3*
JU7
1-2*
JU8
1-2*
Differential Clock Mode—A
single-ended signal is converted
to a differential signal that drives
the ADC clock inputs.
Table 2. Clock Drive Settings
*
Default position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com