Electronic Components Datasheet Search
  English  ▼

X  

ICS32852 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS32852
Description  DDR 24-Bit to 48-Bit Registered Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS32852 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS32852 Datasheet HTML 1Page - Integrated Circuit Systems ICS32852 Datasheet HTML 2Page - Integrated Circuit Systems ICS32852 Datasheet HTML 3Page - Integrated Circuit Systems ICS32852 Datasheet HTML 4Page - Integrated Circuit Systems ICS32852 Datasheet HTML 5Page - Integrated Circuit Systems ICS32852 Datasheet HTML 6Page - Integrated Circuit Systems ICS32852 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
ICSSSTV32852
0513F—05/13/03
Electrical Characteristics - DC
TA = 0 - 70°C; VDD = 2.5 +/-0.2V, VDDQ=2.5 +/-0.2V; (unless otherwise stated)
SYMBOL
PARAMETERS
VDDQ
MIN
TYP
MAX
UNITS
VIK
II = -18mA
2.3V
-1.2
IOH = -100µA
2.3V - 2.7V
VDDQ - 0.2
IOH = -16mA
2.3V
2.05
IOL = 100µA
2.3V - 2.7V
0.2
IOL = 16mA
2.3V
0.20
II
All Inputs
VI = VDD or GND
2.7V
±5
µA
Standby (Static)
RESET# = GND
0.01
µA
Operating (Static)
VI = VIH(AC) or VIL(AC),
RESET# = VDD
40
mA
Dynamic operating
(clock only)
RESET# = VDD,
VI = VIH(AC) or VIL(AC),
CLK and CLK# switching
50% duty cycle.
35
µA/clock
MHz
Dynamic Operating
(per each data input)
RESET# = VDD,
VI = VIH(AC) or VIL (AC),
CLK and CLK# switching
50% duty cycle. One data
input switching at half
clock frequency, 50%
duty cycle
7
µA/ clock
MHz/data
rOH
Output High
2.3V - 2.7V
12
Ω
rOL
Output Low
2.3V - 2.7V
10
Ω
rO(D)
[rOH - rOL] each
separate bit
2.5V
4
Ω
Data Inputs
2.5
3.5
CLK and CLK#
2.5
3.5
Notes:
1. Guaranteed by design, not 100% tested in production.
Ci
IOL = 20mA
IO = 20mA, TA = 25°C
VOH
VOL
IDD
IDDD
IO = 0
CONDITIONS
2.5V
2.5V
VI = VREF ±350mV
VICR = 1.25V, VI(PP) = 360mV
pF
IOH = -20mA
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com