Electronic Components Datasheet Search
  English  ▼

X  

ICS32852 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS32852
Description  DDR 24-Bit to 48-Bit Registered Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS32852 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS32852 Datasheet HTML 1Page - Integrated Circuit Systems ICS32852 Datasheet HTML 2Page - Integrated Circuit Systems ICS32852 Datasheet HTML 3Page - Integrated Circuit Systems ICS32852 Datasheet HTML 4Page - Integrated Circuit Systems ICS32852 Datasheet HTML 5Page - Integrated Circuit Systems ICS32852 Datasheet HTML 6Page - Integrated Circuit Systems ICS32852 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
ICSSSTV32852
0513F—05/13/03
Notes: 1. CL incluces probe and jig capacitance.
2. IDD tested with clock and data inputs held at VDD or GND, and Io = 0mA.
3. All input pulses are supplied by generators having the following chareacteristics: PRR
≤10 MHz,
Zo=50
Ω, input slew rate = 1 V/ns ±20% (unless otherwise specified).
4. The outputs are measured one at a time with one transition per measurement.
5. VTT = VREF = VDDQ/2
6. VIH = VREF + 310mV (ac voltage levels) for differential inputs. VIH = VDD for LVCMOS input.
7. VIL = VREF -310mV (ac voltage levels) for differential inputs. VIL = GND for LVCMOS input.
8. tPLH and tPHL are the same as tpd
Test Point
Load Circuit
From Output
Under Test
C = 30 pF
(see Note 1)
L
VTT
R =
L 50Ω
LVCMOS
RESET#
Input
LVCMOS
RESET#
Input
V/2
DD
tinact
tact
I
(see note 2)
DD
IDDH
IDDL
10%
90%
Voltage and Current Waveforms
Inputs Active and Inactive Times
Voltage Waveforms - Propagation Delay Times
Voltage Waveforms - Propagation Delay Times
Parameter Measurement Information (V
= 2.5V ±0.2V)
DD
Voltage Waveforms - Pulse Duration
Voltage Waveforms - Setup and Hold Times
V/2
DD
VDD
0V
t
w
t
SU
t
h
VIH
VIH
VOH
VTT
VTT
VTT
VOH
VIH
VIL
VIL
VOL
VOL
VI(pp)
VI(pp)
VIL
VREF
VREF
VREF
VREF
VICR
VICR
tPHL
tPHL
tPHL
V/2
DD
VICR
Input
Input
Timing
Input
Timing
Input
Output
Output



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com