Electronic Components Datasheet Search
  English  ▼

X  

ICS32852 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS32852
Description  DDR 24-Bit to 48-Bit Registered Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS32852 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS32852 Datasheet HTML 1Page - Integrated Circuit Systems ICS32852 Datasheet HTML 2Page - Integrated Circuit Systems ICS32852 Datasheet HTML 3Page - Integrated Circuit Systems ICS32852 Datasheet HTML 4Page - Integrated Circuit Systems ICS32852 Datasheet HTML 5Page - Integrated Circuit Systems ICS32852 Datasheet HTML 6Page - Integrated Circuit Systems ICS32852 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
ICSSSTV32852
0513F—05/13/03
Timing Requirements
(over recommended operating free-air temperature range, unless otherwise noted)
MIN
MAX
fclock
Clock frequency
200
MHz
tPD
Clock to output time
1.9
2.7
ns
tRST
Reset to output time
4.5
ns
tSL
Output slew rate
1
4
V/ns
Setup time, fast slew rate
2, 4
0.50
ns
Setup time, slow slew rate
3, 4
0.70
ns
Hold time, fast slew rate
2, 4
0.30
ns
Hold time, slow slew rate
3, 4
0.50
ns
1 - Guaranteed by design, not 100% tested in production.
2 - For data signal input slew rate of 1V/ns.
4 - CLK/CLK# signal input slew rate of 1V/ns.
3 - For data signal input slew rate of 0.5V/ns and < 1V/ns.
VDD = 2.5V ±0.2V
UNITS
PARAMETERS
Data before CLK
↑, CLK#↓
Data after CLK
↑, CLK#↓
SYMBOL
tS
Th
Notes:
Switching Characteristics
(over recommended operating free-air temperature range, unless otherwise noted)
MIN
TYP
MAX
fmax
200
MHz
tPD
CLK, CLK#
Q
1.9
2.7
ns
tphl
RESET#
Q
4.5
ns
SYMBOL
VDD = 2.5V ±0.2V
UNITS
From
(Input)
To
(Output)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com