Electronic Components Datasheet Search
  English  ▼

X  

MPC7447 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # MPC7447
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7447 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button MPC7447 Datasheet HTML 35Page - NXP Semiconductors MPC7447 Datasheet HTML 36Page - NXP Semiconductors MPC7447 Datasheet HTML 37Page - NXP Semiconductors MPC7447 Datasheet HTML 38Page - NXP Semiconductors MPC7447 Datasheet HTML 39Page - NXP Semiconductors MPC7447 Datasheet HTML 40Page - NXP Semiconductors MPC7447 Datasheet HTML 41Page - NXP Semiconductors MPC7447 Datasheet HTML 42Page - NXP Semiconductors MPC7447 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
MPC7447A RISC Microprocessor Hardware Specifications, Rev. 5
Freescale Semiconductor
39
System Design Information
Figure 18. Driver Impedance Measurement
Table 15 summarizes the signal impedance results. The impedance increases with junction temperature
and is relatively unaffected by bus voltage.
9.6
Pull-Up/Pull-Down Resistor Requirements
The MPC7447A requires high-resistive (weak: 4.7 K
Ω) pull-up resistors on several control pins of the bus
interface to maintain the control signals in the negated state after they have been actively negated and
released by the MPC7447A or other bus masters. These pins are: TS, ARTRY, SHDO, and SHD1.
Some pins designated as being factory test pins must be pulled up to OVDD or down to GND to ensure
proper device operation. The pins that must be pulled up to OVDD are: LSSD_MODE and TEST[0:3]; the
pins that must be pulled down to GND are: L1_TSTCLK and TEST[4]. The CKSTP_IN signal should
likewise be pulled up through a pull-up resistor (weak or stronger: 4.7 K
Ω–1 KΩ) to prevent erroneous
assertions of this signal.
In addition, the MPC7447A has one open-drain style output that requires a pull-up resistor (weak or
stronger: 4.7 K
Ω–1 KΩ) if it is used by the system. This pin is CKSTP_OUT.
If pull-down resistors are used to configure BVSEL, the resistors should be less than 250
Ω (see Table 12).
Because PLL_CFG[0:4] must remain stable during normal operation, strong pull-up and pull-down
resistors (1 K
Ω or less) are recommended to configure these signals in order to protect against erroneous
switching due to ground bounce, power supply noise or noise coupling.
Table 15. Impedance Characteristics
VDD = 1.5 V, OVDD = 1.8 V ± 5%, Tj = 5°–85°C
Impedance
Processor Bus
Unit
Z0
Typical
33–42
Ω
Maximum
31–51
Ω
OVDD
OGND
RP
RN
Pad
Data
SW1
SW2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com