Electronic Components Datasheet Search
  English  ▼

X  

MPC7447 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # MPC7447
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7447 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button MPC7447 Datasheet HTML 8Page - NXP Semiconductors MPC7447 Datasheet HTML 9Page - NXP Semiconductors MPC7447 Datasheet HTML 10Page - NXP Semiconductors MPC7447 Datasheet HTML 11Page - NXP Semiconductors MPC7447 Datasheet HTML 12Page - NXP Semiconductors MPC7447 Datasheet HTML 13Page - NXP Semiconductors MPC7447 Datasheet HTML 14Page - NXP Semiconductors MPC7447 Datasheet HTML 15Page - NXP Semiconductors MPC7447 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
MPC7447A RISC Microprocessor Hardware Specifications, Rev. 5
12
Freescale Semiconductor
Electrical and Thermal Characteristics
Table 6 provides the DC electrical characteristics for the MPC7447A.
Junction-to-ambient thermal resistance, 200 ft/min airflow, four-layer (2s2p) board
RθJMA
16
°C/W
2, 4
Junction-to-board thermal resistance
RθJB
10
°C/W
5
Junction-to-case thermal resistance
RθJC
< 0.1
°C/W
6
Notes:
1. Refer to Section 9.8, “Thermal Management Information,” for details about thermal management.
2. Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, airflow, power dissipation of other components on the board, and board thermal resistance.
3. Per SEMI G38-87 and JEDEC JESD51-2 with the single-layer board horizontal.
4. Per JEDEC JESD51-6 with the board horizontal.
5. Thermal resistance between the die and the printed-circuit board per JEDEC JESD51-8. Board temperature is measured on
the top surface of the board near the package.
6. This is the thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883
Method 1012.1) with the calculated case temperature. The actual value of RθJC for the part is less than 0.1°C/W.
Table 6. DC Electrical Specifications
At recommended operating conditions. See Table 4.
Characteristic
Nominal
Bus
Voltage 1
Symbol
Min
Max
Unit
Notes
Input high voltage
(all inputs)
1.8
VIH
OVDD × 0.65
OVDD + 0.3
V
2
2.5
1.7
OVDD + 0.3
Input low voltage
(all inputs)
1.8
VIL
–0.3
OVDD × 0.35
V
2, 6
2.5
–0.3
0.7
Input leakage current,
Vin = OVDD
Vin = GND
—Iin
—
30
– 30
µA
2, 3
High-impedance (off-state) leakage current,
Vin = OVDD
Vin = GND
—ITSI
—
30
– 30
µA
2, 3, 4
Output high voltage @ IOH = –5 mA
1.8
VOH
OVDD – 0.45
—
V
2.5
1.8
—
Output low voltage @ IOL = 5 mA
1.8
VOL
—0.45
V
2.5
—
0.6
Table 5. Package Thermal Characteristics1 (continued)
Characteristic
Symbol
Value
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com