Electronic Components Datasheet Search
  English  ▼

X  

MPC7447 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MPC7447
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7447 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MPC7447 Datasheet HTML 4Page - NXP Semiconductors MPC7447 Datasheet HTML 5Page - NXP Semiconductors MPC7447 Datasheet HTML 6Page - NXP Semiconductors MPC7447 Datasheet HTML 7Page - NXP Semiconductors MPC7447 Datasheet HTML 8Page - NXP Semiconductors MPC7447 Datasheet HTML 9Page - NXP Semiconductors MPC7447 Datasheet HTML 10Page - NXP Semiconductors MPC7447 Datasheet HTML 11Page - NXP Semiconductors MPC7447 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
MPC7447A RISC Microprocessor Hardware Specifications, Rev. 5
8
Freescale Semiconductor
Comparison with the MPC7447, MPC7445, and MPC7441
BHT size
2K-entry
Link stack depth
8
Unresolved branches supported
3
Branch taken penalty (BTIC hit)
1
Minimum misprediction penalty
6
Execution Unit Timings (Latency-Throughput)
Aligned load (integer, float, vector)
3-1, 4-1, 3-1
Misaligned load (integer, float, vector)
4-2, 5-2, 4-2
L1 miss, L2 hit latency
9 data/13 instruction
SFX (aDd Sub, Shift, Rot, Cmp, logicals)
1-1
Integer multiply (32
× 8, 32 × 16, 32 × 32)
3-1, 3-1, 4-2
Scalar float
5-1
VSFX (vector simple)
1-1
VCFX (vector complex)
4-1
VFPU (vector float)
4-1
VPER (vector permute)
2-1
MMUs
TLBs (instruction and data)
128-entry, 2-way
Tablewalk mechanism
Hardware + software
Instruction BATs/data BATs
8/8
8/8
8/8
4/4
L1 I Cache/D Cache Features
Size
32K/32K
Associativity
8-way
Locking granularity
Way
Parity on Instruction cache
Word
Parity on data cache
Byte
Number of data cache misses (load/store)
5/1
Data stream touch engines
4 streams
On-Chip Cache Features
Cache level
L2
Size/associativity
512-Kbyte/8-way
256-Kbyte/8-way
Access width
256 bits
Table 1. Microarchitecture Comparison (continued)
Microarchitectural Specs
MPC7447A
MPC7447
MPC7445
MPC7441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com