Electronic Components Datasheet Search
  English  ▼

X  

MPC866PZP100A Datasheet(PDF) 22 Page - NXP Semiconductors

Part # MPC866PZP100A
Description  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC866PZP100A Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button MPC866PZP100A Datasheet HTML 18Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 19Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 20Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 21Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 22Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 23Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 24Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 25Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
22
Freescale Semiconductor
Bus Signal Timing
B31d CLKOUT falling edge to CS valid, as
requested by control bit CST1 in the
corresponding word in the UPM EBDF
= 1 (MAX = 0.375 x B1 + 6.6)
13.30
18.00
11.30
16.00
9.40
14.10
7.60
12.30
ns
B32
CLKOUT falling edge to BS valid, as
requested by control bit BST4 in the
corresponding word in the UPM (MAX
= 0.00 x B1 + 6.00)
1.50
6.00
1.50
6.00
1.50
6.00
1.50
6.00
ns
B32a CLKOUT falling edge to BS valid, as
requested by control bit BST1 in the
corresponding word in the UPM, EBDF
= 0 (MAX = 0.25 x B1 + 6.80)
7.60
14.30
6.30
13.00
5.00
11.80
3.80
10.50
ns
B32b CLKOUT rising edge to BS valid, as
requested by control bit BST2 in the
corresponding word in the UPM (MAX
= 0.00 x B1 + 8.00)
1.50
8.00
1.50
8.00
1.50
8.00
1.50
8.00
ns
B32c CLKOUT rising edge to BS valid, as
requested by control bit BST3 in the
corresponding word in the UPM (MAX
= 0.25 x B1 + 6.80)
7.60
14.30
6.30
13.00
5.00
11.80
3.80
10.50
ns
B32d CLKOUT falling edge to BS valid- as
requested by control bit BST1 in the
corresponding word in the UPM, EBDF
= 1 (MAX = 0.375 x B1 + 6.60)
13.30
18.00
11.30
16.00
9.40
14.10
7.60
12.30
ns
B33
CLKOUT falling edge to GPL valid, as
requested by control bit GxT4 in the
corresponding word in the UPM (MAX
= 0.00 x B1 + 6.00)
1.50
6.00
1.50
6.00
1.50
6.00
1.50
6.00
ns
B33a CLKOUT rising edge to GPL valid, as
requested by control bit GxT3 in the
corresponding word in the UPM (MAX
= 0.25 x B1 + 6.80)
7.60
14.30
6.30
13.00
5.00
11.80
3.80
10.50
ns
B34
A(0:31), BADDR(28:30), and D(0:31)
to CS valid, as requested by control bit
CST4 in the corresponding word in the
UPM (MIN = 0.25 x B1 - 2.00)
5.60
—
4.30
—
3.00
—
1.80
—
ns
B34a A(0:31), BADDR(28:30), and D(0:31)
to CS valid, as requested by control bit
CST1 in the corresponding word in the
UPM (MIN = 0.50 x B1 – 2.00)
13.20
—
10.50
—
8.00
—
5.60
—
ns
B34b A(0:31), BADDR(28:30), and D(0:31)
to CS valid, as requested by CST2 in
the corresponding word in UPM (MIN =
0.75 x B1 – 2.00)
20.70
—
16.70
—
13.00
—
9.40
—
ns
Table 9. Bus Operation Timings (continued)
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com