Electronic Components Datasheet Search
  English  ▼

X  

MPC866PZP100A Datasheet(PDF) 73 Page - NXP Semiconductors

Part # MPC866PZP100A
Description  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC866PZP100A Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button MPC866PZP100A Datasheet HTML 69Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 70Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 71Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 72Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 73Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 74Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 75Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 76Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
Freescale Semiconductor
73
UTOPIA AC Electrical Specifications
Figure 72 shows signal timings during UTOPIA receive operations.
Figure 72. UTOPIA Receive Timing
Table 32. UTOPIA Slave (Split Bus Mode) Electrical Specifications
Num
Signal Characteristic
Direction
Min
Max
Unit
U1
UtpClk rise/fall time (external clock option)
Input
—
4
ns
Duty cycle
40
60
%
Frequency
—
33
MHz
U2
UTPB, SOC, Rxclav and Txclav active delay
Output
2
16
ns
U3
UTPB_AUX, SOC_Aux, RxEnb, TxEnb, RxAddr, and TxAddr
setup time
Input
4
—
ns
U4
UTPB_AUX, SOC_Aux, RxEnb, TxEnb, RxAddr, and TxAddr
hold time
Input
1
—
ns
UtpClk
UTPB
RxEnb
U1
3
2
SOC
4
RxClav
PHREQn
3
4
HighZ at MPHY
HighZ at MPHY
U1
U2
U3
U4
U4
U3
U2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com