Electronic Components Datasheet Search
  English  ▼

X  

MPC866PZP100A Datasheet(PDF) 37 Page - NXP Semiconductors

Part # MPC866PZP100A
Description  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC866PZP100A Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button MPC866PZP100A Datasheet HTML 33Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 34Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 35Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 36Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 37Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 38Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 39Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 40Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
Freescale Semiconductor
37
Bus Signal Timing
Figure 23 shows the timing for the asynchronous external master memory access controlled by the GPCM.
Figure 23. Asynchronous External Master Memory Access Timing (GPCM Controlled—ACS = 00)
Figure 24 shows the timing for the asynchronous external master control signals negation.
Figure 24. Asynchronous External Master—Control Signals Negation Timing
Table 10 shows the interrupt timing for the MPC866/859.
Table 10. Interrupt Timing
Num
Characteristic 1
1
The timings I39 and I40 describe the testing conditions under which the IRQ lines are tested when being defined as
level sensitive. The IRQ lines are synchronized internally and do not have to be asserted or negated with reference
to the CLKOUT.
The timings I41, I42, and I43 are specified to allow the correct function of the IRQ lines detection circuitry, and has
no direct relation with the total system interrupt latency that the MPC866/859 is able to support.
All Frequencies
Unit
Min
Max
I39
IRQx valid to CLKOUT rising edge (setup time)
6.00
—
ns
I40
IRQx hold time after CLKOUT
2.00
—
ns
I41
IRQx pulse width low
3.00
—
ns
I42
IRQx pulse width high
3.00
—
ns
I43
IRQx edge-to-edge time
4xTCLOCKOUT
——
CLKOUT
AS
A[0:31],
TSIZ[0:1],
R/W
CSx
B39
B40
B22
AS
CSx, WE[0:3],
OE, GPLx,
BS[0:3]
B43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com