Electronic Components Datasheet Search
  English  ▼

X  

ZL30267 Datasheet(PDF) 76 Page - Microchip Technology

Part # ZL30267
Description  2-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30267 Datasheet(HTML) 76 Page - Microchip Technology

Back Button ZL30267 Datasheet HTML 72Page - Microchip Technology ZL30267 Datasheet HTML 73Page - Microchip Technology ZL30267 Datasheet HTML 74Page - Microchip Technology ZL30267 Datasheet HTML 75Page - Microchip Technology ZL30267 Datasheet HTML 76Page - Microchip Technology ZL30267 Datasheet HTML 77Page - Microchip Technology ZL30267 Datasheet HTML 78Page - Microchip Technology ZL30267 Datasheet HTML 79Page - Microchip Technology ZL30267 Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 93 page
background image
ZL30264-ZL30267
Data Sheet
76
© 2021 Microchip Technology Inc.
DS20006555A
7. Electrical Characteristics
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Supply voltage, nominal 1.5V
VDD15
-0.3
1.65
V
Supply voltage, nominal 1.8V
VDD18
-0.3
1.98
V
Supply voltage, nominal 2.5V
VDD25
-0.3
2.75
V
Supply voltage, nominal 3.3V
VDD33
-0.3
3.63
V
Voltage on XA, any ICxP/N, any OCxP/N pin
VANAPIN
-0.3
3.63
V
Voltage on any digital I/O pin
VDIGPIN
-0.3
3.63
V
Storage Temperature Range
TST
-55
+125
°C
* Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
* Voltages are with respect to ground (VSS) unless otherwise stated.
Note 1:
The typical values listed in the tables of Section 7 are not production tested.
Note 2:
Specifications to -40
C and 85C are guaranteed by design or characterization and not production tested.
Table 5 - Recommended DC Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Units
Supply voltage, Higher Core
(choose 1 row)
VDDH
2.375
2.5
2.625
V
3.135
3.3
3.465
Supply voltage, Lower Core
(choose 1 row)
VDDL
1.71
1.8
1.89
V
same as VDDH
Supply voltage, Non-Clock I/O Pins
(choose 1 row)
VDDIO
1.71
2.375
1.8
2.5
1.89
2.625
V
same as VDDH
Supply voltage, OCx Outputs (x=A,B,C,D,E or F)
(choose 1 row)
VDDOx
1.425
1.71
2.375
1.5
1.8
2.5
1.575
1.89
2.625
V
same as VDDH
Operating temperature
TA
-40
+85
°C
Table 6 - Electrical Characteristics: Supply Currents
Characteristics
Symbol
Min.
Typ.1
Max
Units
Notes
Total power, two ICx inputs, two APLLs and two
LVDS outputs enabled, 1.8V+3.3V operation
PDISS
1.065
W
3.3V single-supply operation
Total current on 3.3V supply
IDD33
569
852
mA
Note 2
2.5V single-supply operation
Total current on 2.5V supply
IDD25
550
843
mA
Note 2
1.8V+3.3V operation
Total current on 3.3V supply
Total current on 1.8V supply
IDD33
IDD18
221
280
342
477
mA
Note 2
1.8V+2.5V operation
Total current on 2.5V supply
Total current on 1.8V supply
IDD25
IDD18
212
279
339
479
mA
Note 2
VDDH supply current change from enabling or
disabling the crystal driver circuit
IDDXO
13
mA
VDDL supply current change from enabling or
disabling an input clock
IDDLIN
12
mA
VDDL supply current change from enabling or
disabling
the APLL’s fractional output divider
IDDLHSD
38
mA
VDDL supply current from enabling/disabling
output divider for one OCx using OCEN.OCxEN
IDDLDIV
13
mA
VDDL supply current change from enabling or
disabling an output for LVDS, LVPECL or HCSL
IDDLD
13
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com