Electronic Components Datasheet Search
  English  ▼

X  

ZL30267 Datasheet(PDF) 13 Page - Microchip Technology

Part # ZL30267
Description  2-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30267 Datasheet(HTML) 13 Page - Microchip Technology

Back Button ZL30267 Datasheet HTML 9Page - Microchip Technology ZL30267 Datasheet HTML 10Page - Microchip Technology ZL30267 Datasheet HTML 11Page - Microchip Technology ZL30267 Datasheet HTML 12Page - Microchip Technology ZL30267 Datasheet HTML 13Page - Microchip Technology ZL30267 Datasheet HTML 14Page - Microchip Technology ZL30267 Datasheet HTML 15Page - Microchip Technology ZL30267 Datasheet HTML 16Page - Microchip Technology ZL30267 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 93 page
background image
ZL30264-ZL30267
Data Sheet
13
© 2021 Microchip Technology Inc.
DS20006555A
The crystal, traces, and two external capacitors sites (if included) should be placed on the board as close as
possible to the XA and XB pins to reduce crosstalk of active signals into the oscillator. Also no active signals should
be routed under the crystal circuitry.
Note: Crystals have temperature sensitivies that can cause frequency changes in response to ambient temperature
changes. In applications where significant temperature changes are expected near the crystal, it is recommended
that the crystal be covered with a thermal cap, or an external XO or TCXO should be used instead.
Table 2 - Crystal Selection Parameters
Parameter
Symbol
Min.
Typ.
Max.
Units
Crystal Oscillation Frequency1
fOSC
25
60
MHz
Shunt Capacitance
CO
2
5
pF
Load Capacitance3
CL
8
10
16
pF
Equivalent Series Resistance
(ESR)2
fOSC < 40MHz
RS
60
fOSC > 40MHz
RS
50
Maximum Crystal Drive Level
100
100, 200,
300
W
Note 1:
Higher frequencies give lower output jitter, all else being equal.
Note 2:
These ESR limits are chosen to constrain crystal drive level to less than 100
W. If the crystal can tolerate a drive level greater than
100
W then proportionally higher ESR is acceptable.
Note 3:
For crystals with 100
W max drive level: (a) f
OSC>55MHz and CL12pF is not supported, and (b) fOSC>45MHz and CL16pF is not
supported. Crystals with max drive level of 200
W or higher do not have these limitations.
Parameter
Symbol
Min.
Typ.
Max.
Units
Crystal Frequency Stability vs. Power Supply
fFVD
0.2
0.5
ppm per 10%
 in VDD
Any known frequency inaccuracy of the crystal can be compensated in the APLL by adjusting the APLL's fractional
feedback divider value (AFBDIV) by ppb or ppm to compensate for crystal frequency error.
5.3.3
Clock Doublers
Figure 1
shows an optional clock doubler (“x2” block) following the crystal driver block. This XA doubler, which is
enabled by setting MCR2.DBL=1, can be used to double the frequency of the internal crystal driver circuit or a
20MHz to 78.125MHz clock signal on the XA pin. For input clock frequencies from 25MHz to 78.125MHz the duty
cycle of the signal can be anywhere in the 40% to 60% range. For input clock frequencies from 20MHz to 25MHz
the duty cycle must be in the 45% to 55% range. Figure 1 also shows an optional doubler at the input of each
APLL. This APLL input doubler, which is enabled by setting ACR1.INDBL=1 for APLL1 or A2CR1.INDBL=1 for
APLL2, can be used to double the frequency of any of the inputs. The following table shows scenarios when the
clock doubler can be used.
Scenario
With Crystal
With XO or Clock Signal
APLL, Integer Multiply
Yes1
Maybe1
APLL, Fractional Multiply
Yes
Yes
NCO
Yes
Yes
Spread-Spectrum
Yes
Yes
APLL bypass path
No2
No2
Note 1: For APLL integer multiplication, use of the doubler is application-dependent. On the positive side, use of the
doubler reduces random jitter. On the negative side, the doubler causes a spur at the XA frequency (but this spur may be
outside the band of interest for the application).
Note 2: The signal generated by the doubler has a very narrow and variable pulse width and therefore it is not
recommended to connect the doubler signal directly to the OCx outputs using an APLL bypass path. The doubler signal is
fine as an input to the APLL, which filters the duty cycle distortion and produces a 50% duty cycle output.
Note 3: Using both doublers in series to double the XA-doubled signal is not supported.
5.3.4
Ring Oscillator (for Auto-Configuration)
After reset the internal auto-configuration boot controller is clocked by an internal ring oscillator. After auto-
configuration is complete (GLOBISR.BCDONE=1) the ring oscillator can be disabled by setting MCR1.ROSCD=1.
The device’s processor interface is asynchronous and does not require the ring oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com