Electronic Components Datasheet Search
  English  ▼

X  

ZL30267 Datasheet(PDF) 91 Page - Microchip Technology

Part # ZL30267
Description  2-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30267 Datasheet(HTML) 91 Page - Microchip Technology

Back Button ZL30267 Datasheet HTML 85Page - Microchip Technology ZL30267 Datasheet HTML 86Page - Microchip Technology ZL30267 Datasheet HTML 87Page - Microchip Technology ZL30267 Datasheet HTML 88Page - Microchip Technology ZL30267 Datasheet HTML 89Page - Microchip Technology ZL30267 Datasheet HTML 90Page - Microchip Technology ZL30267 Datasheet HTML 91Page - Microchip Technology ZL30267 Datasheet HTML 92Page - Microchip Technology ZL30267 Datasheet HTML 93Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 91 / 93 page
background image
ZL30264-ZL30267
Data Sheet
91
© 2021 Microchip Technology Inc.
DS20006555A
Revision
Description
aligning clocks from IntDiv with clocks from FracDiv is not supported.
In section 5.9 added new subsection 5.9.1 to guide users in the use of external RC reset
circuits.
19-Jan-2018
In the F1REM1
register description deleted “The value FREM=0 is undefined. When FBP=0,
FREM must be set to 0.
”
In the F1DEN1
register description deleted “When FBP=0, FDEN must be set to 1.”
In the F1BP
register description deleted “When FBP=0, FREM must be set to 0 and FDEN
must be set to 1.
”
In the AFBREM1
register description deleted “When AFBBP=0, AFBREM must be set to 0.”
IIn the AFBBP
register description deleted “When AFBBP=0, AFBREM must be set to 0 and
AFBDEN must be set to 1.
”
29-May-2018
On page 1 and in section 2.3 changed wording to indicate PCIe 1-4 compliance.
In OCxCR3.NEGLSD description added to note that OCxCR3.LSSEL must be 0 to set
NEGLSD=1.
14-Sep-2018
In Table 17, corrected typo for "Input-to-Output Propagation Delay, from IC3 input" in the Note
4 row where the max of 2.8 was less than typical of 3.4. Corrected the max to 3.8.
In the OCxCR2.OCSF description, deleted "(must have VDDOx=VDDH=3.3V)" from the HCSL
decode.
Updated Table 10 Note 1 and Table 11 Note 1 and added cross reference to Figure 17 parts a)
and b).
Updated Figure 17 to include new part c) and added noted about part c) below the figure.
In section 5.9.1 second paragraph added need for current-limiting series resistor between
source of reset signal and device RSTN pin.
In Table 1 pin descriptions for AC0/GPIO0, AC1/GPIO1, AC2/GPIO2 and TEST/GPIO3 added
note.
01-Oct-2018
In Table 15:
• Reduced integer output divider PCIe 3.0 jitter to 0.08 typical, 0.10 max (ps RMS) and added
new row for PCIe 4.0 jitter.
• Reduced fractional output divider PCIe 3.0 jitter to 0.09 typical, 0.12 max (ps RMS) and
added new row for PCIe 4.0 jitter.
• Added PCIe sentence to Note 8 and deleted second sentence of Note 6.
29-Sep-2020
In Table 12 changed max VOD from 0.86V to 0.95V, changed min VOD from 0.62V to 0.6V and
changed VCM spec to VOD / 2.
18-Dec-2020
On pages 1 and 5 added PCIe 5 to the lists of PCIe versions.
In Table 15 added new rows for PCIe 5 jitter.
17-Jun-2021
Updated Microsemi wording and branding to Microchip throughout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com