Electronic Components Datasheet Search
  English  ▼

X  

ICS525-01 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS525-01
Description  User Configurable Clock
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS525-01 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS525-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS525-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS525-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS525-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS525-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS525-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS525-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS525-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS525-01 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
User Configurable Clock
MDS 525-01/02/11/12 Q
2
Revision 101105
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS525-01/02/11/12
Pin Assignment
Pin Descriptions
KEY: I(PU) = Input with internal pull-up resistor; X1, X2 = crystal connections
18
7
17
8
16
9
15
X1/ICLK
10
X2
11
GND
12
CLK
13
V0
14
V1
GND
PD
V8
V2
V7
V5
V3
V6
22
21
20
19
V4
REF
5
6
S2
VDD
VDD
24
23
R0
3
4
S0
S1
R1
26
25
R2
1
2
R5
R6
R3
28
27
R4
ICS525-01/-02/-11/-12
Pin
Number
Pin
Name
Pin
Type
Pin Description
1, 2,
24-28
R5, R6,
R0-R4
I(PU)
Reference divider word input pins determined by user. Forms a binary number from 0
to 127.
3, 4, 5
S0, S1, S2
I(PU)
Select pins for output divider determined by user. See table on page 3
6, 23
VDD
Power
Connect to VDD.
7
X1/ICLK
X1
Crystal connection. Connect to a parallel resonant fundamental crystal or input clock.
8
X2
X2
Crystal connection. Connect to a crystal or leave unconnected for clock.
9, 20
GND
Power
Connect to ground.
10 - 18
V0 - V8
I(PU)
VCO divider word input pins determined by user. Forms a binary number from 0 to
511.
19
PD
Input
Power-down. Active low. Turns off entire chip when low. Clock outputs stop low.
21
CLK
Output
Output clock determined by status of R0-R6, V-V8, S0-S2, and input frequency.
22
REF
Output
Reference output. Buffered crystal oscillator (or clock ) output.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com