Electronic Components Datasheet Search
  English  ▼

X  

ICS525-01 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS525-01
Description  User Configurable Clock
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS525-01 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS525-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS525-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS525-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS525-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS525-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS525-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS525-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS525-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS525-01 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
User Configurable Clock
MDS 525-01/02/11/12 Q
4
Revision 101105
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS525-01/02/11/12
ICS525-12 Output Frequency and Output Divider Table
S2
Pin 5
S1
Pin 4
S0
Pin 3
CLK Output
Divider
Output Frequency Range (MHz)
VDD = 5 V
VDD = 3.3 V
-40 to +85
°C
-40 to +85
°C
0
0
0
6
1.25–16.75
1.25–10
0
0
1
2
3.75–50
3.75–30
0
1
0
8
0.94–12.5
0.94–7.5
0
1
1
4
1.875–25
1.875–15
1
0
0
5
1.5–20
1.5–12
1
0
1
7
1–14.25
1–8.5
1
1
0
1
7.5–62.5
7.5–50
1
1
1
3
2.5–33.25
2.5–20



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com