Electronic Components Datasheet Search
  English  ▼

X  

ICS525-01 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS525-01
Description  User Configurable Clock
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS525-01 Datasheet(HTML) 7 Page - Integrated Circuit Systems

  ICS525-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS525-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS525-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS525-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS525-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS525-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS525-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS525-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS525-01 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
User Configurable Clock
MDS 525-01/02/11/12 Q
7
Revision 101105
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS525-01/02/11/12
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V
Short Circuit Current
CLK and REF outputs
±55
mA
Input Capacitance
CIN
V, R, S pins and pin 19
4
pF
On-chip Pull-up Resistor
RPU
V, R, S pins and pin 19
270
k
Ω
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
FIN
Crystal input
5
27
MHz
Clock input
2
50
MHz
Output Clock Rise Time
0.8 to 2.0 V
1
ns
Output Clock Fall Time
2.0 to 0.8 V
1
ns
Output Clock Duty Cycle, OD =
2, 4, 6, 8, or 10
At VDD/2
45
49 to
51
55
%
Output Clock Duty Cycle, OD =
3, 5, 7, or 9
At VDD/2
40
60
%
Output Clock Duty Cycle, OD =
1 (-02 and -12 only)
At VDD/2
35
65
Power-down Time, PD low to
clocks stopped
50
ns
Power-up Time, PD high to
clocks stable
10
ms
Absolute Clock Period Jitter,
ICS525-01, Note 2
tja
Deviation from mean
±140
ps
One Sigma Clock Period Jitter,
ICS525-01, Note 2
tjs
One Sigma
45
ps
Absolute Clock Period Jitter,
ICS525-02, Note 2
tja
Deviation from mean
±85
ps
One Sigma Clock Period Jitter,
ICS525-02, Note 2
tjs
One Sigma
30
ps
Absolute Clock Period Jitter,
ICS525-11, Note 2
tja
Deviation from mean
±160
ps
One Sigma Clock Period Jitter,
ICS525-11, Note 2
tjs
One Sigma
40
ps
Absolute Clock Period Jitter,
ICS525-12, Note 2
tja
Deviation from mean
±160
ps
One Sigma Clock Period Jitter,
ICS525-12, Note 2
tjs
One Sigma
40
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com