Electronic Components Datasheet Search
  English  ▼

X  

AM79C978AVCW Datasheet(PDF) 158 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 158 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 154Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 155Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 156Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 157Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 158Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 159Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 160Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 161Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 162Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 256 page
background image
158
Am79C978A
accesses to these locations may
change the Am79C978A register
contents, but the EEPROM loca-
tions
will
not
be
affected.
EEPROM locations may be ac-
cessed directly through BCR19.
At the end of the read operation,
the PREAD bit will automatically be
reset to a 0 by the Am79C978A
controller and PVALID will be set,
provided that an EEPROM existed
on the interface pins and that the
checksum for the entire 68 bytes of
EEPROM was correct.
Note that when PREAD is set to a
1, then the Am79C978A control-
ler will no longer respond to any
accesses directed toward it, until
the PREAD operation has com-
pleted successfully. The control-
ler will terminate these accesses
with the assertion of DEVSEL
and STOP while TRDY is not as-
serted, signaling to the initiator to
disconnect and retry the access
at a later time.
If a PREAD command is given to
the Am79C978A controller but no
EEPROM is attached to the inter-
face pins, the PREAD bit will be
cleared to a 0, and the PVALID bit
will remain reset with a value of 0.
This applies to the automatic read
of the EEPROM after H_RESET
as well as to host initiated PREAD
commands. EEPROM program-
mable locations on board the
Am79C978A controller will be set
to their default values by such an
aborted PREAD operation. For ex-
ample, if the aborted PREAD oper-
ation immediately followed the
H_RESET operation, then the final
state of the EEPROM programma-
ble locations will be equal to the
H_RESET programming for those
locations.
If a PREAD command is given
to the Am79C978A controller
and
the
auto-detection
pin
(EESK/LED1) indicates that no
EEPROM is present, then the
EEPROM read operation will
still be attempted.
Note that at the end of the
H_RESET operation, a read of
the EEPROM will be performed
automatically. This H_RESET-
generated EEPROM read func-
tion will not proceed if the auto-
detection pin (EESK/LED1) indi-
cates
that
no
EEPROM
is
present.
This bit is read accessible al-
ways; write accessible only when
either the STOP or the SPND bit
is set. PREAD is set to 0 during
H_RESET and is unaffected by
S_RESET or the STOP bit.
13
EEDET
EEPROM Detect. This bit indi-
cates the sampled value of the
EESK/LED1 pin at the end of
H_RESET. This value indicates
whether or not an EEPROM is
present at the EEPROM inter-
face. If this bit is a 1, it indicates
that an EEPROM is present. If
this bit is a 0, it indicates that an
EEPROM is not present.
This bit is read accessible only.
EEDET is read only; write opera-
tions have no effect. The value of
this bit is determined at the end of
the H_RESET operation. It is un-
affected by S_RESET or the
STOP bit.
Table 39 indicates the possible
combinations of EEDET and the
existence of an EEPROM and the
resulting operations that are pos-
sible on the EEPROM interface.
12-5
RES
Reserved locations. Written as
zeros; read as undefined.
4
EEN
EEPROM Port Enable. When this
bit is set to a 1, it causes the val-
ues of ECS, ESK, and EDI to be
driven onto the EECS, EESK,
and EEDI pins, respectively. If
EEN = 0 and no EEPROM read
function is currently active, then
EECS will be driven LOW. When
EEN = 0 and no EEPROM read
function is currently active, EESK
and EEDI pins will be driven by
the LED registers BCR5 and
BCR4, respectively. See Table
40.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com