Electronic Components Datasheet Search
  English  ▼

X  

AM79C978AVCW Datasheet(PDF) 157 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 157 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 153Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 154Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 155Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 156Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 157Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 158Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 159Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 160Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 161Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 256 page
background image
Am79C978A
157
Table 38.
PHY Select Programming
These bits are read accessible al-
ways, these bits can only be writ-
ten from the EEPROM unless a
write-enable bit, BCR2[13], is set.
PHYSEL
[1:0]
is
cleared
by
H_RESET and is not affected by
S_RESET or STOP.
2-0
LINBC
Reserved locations. These bits
are read accessible always; write
accessible only when either the
STOP or the SPND bit is set. Af-
ter H_RESET, the value in these
bits will be 001b. The setting of
these bits have no effect on any
Am79C978A
controller’s
func-
tion. LINBC is not affected by
S_RESET or STOP.
BCR19: EEPROM Control and Status
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15
PVALID
EEPROM Valid status bit. This bit
is read accessible only. PVALID
is read only; write operations
have no effect. A value of 1 in this
bit indicates that a PREAD opera-
tion has occurred, and that (1)
there is an EEPROM connected
to the Am79C978A controller in-
terface pins and (2) the contents
read from the EEPROM have
passed the checksum verification
operation.
A value of 0 in this bit indicates a
failure in reading the EEPROM.
The checksum for the entire 82
bytes of EEPROM is incorrect or
no EEPROM is connected to the
interface pins.
PVALID
is
set
to
0
during
H_RESET and is unaffected by
S_RESET or the STOP bit. How-
ever, following the H_RESET op-
eration, an automatic read of the
EEPROM will be performed. Just
as it is true for the normal PREAD
command, at the end of this auto-
matic read operation the PVALID
bit may be set to 1. Therefore,
H_RESET will set the PVALID bit
to 0 at first, but the automatic EE-
PROM read operation may later
set PVALID to a 1.
If PVALID becomes 0 following an
EEPROM read operation (either
automatically
generated
after
H_RESET, or requested through
PREAD), then all EEPROM-pro-
grammable BCR locations will be
reset to their H_RESET values.
The
content
of
the
Address
PROM locations, however, will not
be cleared.
If no EEPROM is present at the
EESK, EEDI, and EEDO pins,
then
all
attempted
PREAD
commands will terminate early
and PVALID will not be set.
This applies to the automatic
read of the EEPROM after
H_RESET, as well as to host-
initiated PREAD commands.
14
PREAD
EEPROM Read command bit.
When this bit is set to a 1 by the
host, the PVALID bit (BCR19, bit
15) will immediately be reset to a
0, and then the Am79C978A con-
troller will perform a read opera-
tion
of
82
bytes
from
the
EEPROM through the interface.
The
EEPROM
data
that
is
fetched during the read will be
stored in the appropriate internal
registers on board the controller.
Upon completion of the EEPROM
read operation, the Am79C978A
controller will assert the PVALID
bit. EEPROM contents will be in-
directly accessible to the host
through read accesses to the Ad-
dress PROM (offsets 0h through
Fh) and through read accesses to
other EEPROM programmable
registers. Note that read access-
es from these locations will not
actually access the EEPROM it-
self, but instead will access the
Am79C978A internal copy of the
EEPROM
contents.
Write
PHYSEL [1:0]
Mode
00
Expansion ROM/Flash
01
EADI/Internal MII Snoop
10
Reserved
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com