Electronic Components Datasheet Search
  English  ▼

X  

AM79C978AVCW Datasheet(PDF) 159 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 159 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 155Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 156Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 157Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 158Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 159Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 160Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 161Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 162Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 163Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 256 page
background image
Am79C978A
159
This bit is read accessible al-
ways, write accessible only when
either the STOP or the SPND bit
is set. EEN is set to 0 by
H_RESET and is unaffected by
the S_RESET or STOP bit.
3
RES
Reserved location. Written as
zero and read as undefined.
2
ECS
EEPROM Chip Select. This bit is
used to control the value of the
EECS pin of the interface when
the EEN bit is set to 1 and the
PREAD bit is set to 0. If EEN = 1
and PREAD = 0 and ECS is set to
a 1, then the EECS pin will be
forced to a HIGH level at the rising
edge of the next clock following bit
programming.
If EEN = 1 and PREAD = 0 and
ECS is set to a 0, then the EECS
pin will be forced to a LOW level
at the rising edge of the next
clock following bit programming.
ECS has no effect on the output
value of the EECS pin unless the
PREAD bit is set to 0 and the
EEN bit is set to 1.
This bit is read accessible al-
ways, write accessible only when
either the STOP or the SPND bit
is set. ECS is set to 0 by
H_RESET and is not affected by
S_RESET or STOP.
Table 39.
EEDET Setting
Table 40.
Interface Pin Assignment
EEDET Value
(BCR19[13])
EEPROM
Connected?
Result if PREAD is Set to 1
Result of Automatic EEPROM Read
Operation Following H_RESET
0
No
EEPROM read operation is attempted.
Entire read sequence will occur, checksum
failure will result, PVALID is reset to 0.
First two EESK clock cycles are generated,
then EEPROM read operation is aborted
and PVALID is reset to 0.
0
Yes
EEPROM read operation is attempted.
Entire read sequence will occur, checksum
operation will pass, PVALID is set to 1.
First two EESK clock cycles are generated,
then EEPROM read operation is aborted
and PVALID is reset to 0.
1
No
EEPROM read operation is attempted.
Entire read sequence will occur, checksum
failure will result, PVALID is reset to 0.
EEPROM read operation is attempted.
Entire read sequence will occur, checksum
failure will result, PVALID is reset to 0.
1
Yes
EEPROM read operation is attempted.
Entire read sequence will occur, checksum
operation will pass, PVALID is set to 1.
EEPROM read operation is attempted.
Entire read sequence will occur, checksum
operation will pass, PVALID is set to 1.
RST Pin
PREAD or Auto
Read in Progress
EEN
EECS
EESK
EEDI
Low
X
X
0
Tri-State
Tri-State
High
1
X
Active
Active
Active
High
0
1
From ECS
Bit of BCR19
From ESK Bit of
BCR19
From EEDI Bit of
BCR19
High
0
0
0
LED1
LED0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com