Electronic Components Datasheet Search
  English  ▼

X  

AM79C978AVCW Datasheet(PDF) 156 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 156 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 152Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 153Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 154Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 155Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 156Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 157Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 158Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 159Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 160Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 256 page
background image
156
Am79C978A
This bit is read accessible al-
ways, write accessible only when
either the STOP or the SPND bit
is set. EXTREQ is cleared by
H_RESET and is not affected by
S_RESET or STOP.
7
DWIO
Double Word I/O. When set, this
bit indicates that the Am79C978A
controller
is
programmed
for
DWord I/O (DWIO) mode. When
cleared, this bit indicates that the
Am79C978A controller is pro-
grammed for Word I/O (WIO)
mode. This bit affects the I/O Re-
source Offset map and it affects
the
defined
width
of
the
Am79C978A controller’s I/O re-
sources. See the DWIO and WIO
sections for more details.
The initial value of the DWIO bit is
determined by the programming
of the EEPROM.
The value of DWIO can be al-
tered
automatically
by
the
Am79C978A controller. Specifi-
cally, the Am79C978A controller
will set DWIO if it detects a
DWord write access to offset 10h
from the Am79C978A controller’s
I/O base address (corresponding
to the RDP resource).
Once the DWIO bit has been set
to a 1, only a H_RESET or an EE-
PROM read can reset it to a 0.
(Note that the EEPROM read op-
eration will only set DWIO to a 0 if
the appropriate bit inside of the
EEPROM is set to 0.)
This bit is read accessible al-
ways. DWIO is read only, write
operations have no effect. DWIO
is cleared by H_RESET and is
not affected S_RESET or by set-
ting the STOP bit.
6
BREAD E
B u r st Re ad En able . Whe n
se t, th is b i t ena ble s bu r s t
mo de du r ing mem o r y r e a d
a ccesses.
Whe n
cle a red ,
t h is bit pr eve n ts t he de vice
f r om
pe r f or m i ng
bu r s tin g
d u ring rea d accesse s. T h e
Am 79C 978 A cont r o lle r ca n
pe r f o r m
bu r s t
t r ansf e r s
w hen r e a d in g t he init iali za-
t i on b l ock, th e de scr ipt o r
r i n g
en tr ie s
( w he n
SWSTYL E = 3),
and
th e
bu ff er mem o r y .
BREADE should be set to 1
when the Am79C978A control-
ler is used in a PCI bus applica-
tion
to
guarantee
maximum
performance.
This bit is read accessible al-
ways; write accessible only when
either the STOP or the SPND bit
is set. BREADE is cleared by
H_RESET and is not affected by
S_RESET or STOP.
5
BWRITE
Burst Write Enable. When set,
this bit enables burst mode during
memory write accesses. When
cleared, this bit prevents the de-
vice from performing bursting
during
write
accesses.
The
Am79C978A controller can per-
form burst transfers when writing
the descriptor ring entries (when
SWSTYLE = 3), and the buffer
memory.
BWRITE should be set to 1
when the Am79C978A control-
ler is used in a PCI bus applica-
tion
to
guarantee
maximum
performance.
This bit is read accessible al-
ways, write accessible only when
either the STOP or the SPND bit
is set. BWRITE is cleared by
H_RESET and is not affected by
S_RESET or STOP.
4-3
PHYSEL[1:0] PHYSEL[1:0] bits allow for soft-
ware controlled selection of differ-
ent operation and test modes. The
normal mode of operation is when
both bits 0 and 1 are set to 0 to se-
lect the Expansion ROM/Flash.
Setting bit 0 to 1 and bit 1 to 0 al-
lows snooping of the internal MII-
compatible bus to allow External
Address
Detection
Interface
(EADI). See Table 38 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com