Electronic Components Datasheet Search
  English  ▼

X  

AM79C978AVCW Datasheet(PDF) 153 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 153 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 149Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 150Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 151Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 152Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 153Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 154Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 155Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 156Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 157Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 256 page
background image
Am79C978A
153
by S_RESET or setting the
STOP bit.
5
RCVME
Receive Match Status Enable.
When this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when there is receive ac-
tivity on the network that has
passed the address match func-
tion for this node. All address
matching modes are included:
physical, logical filtering, broad-
cast, and promiscuous.
This bit is always read/write ac-
cessible. RCVME is cleared by
H_RESET and is not affected
by S_RESET or setting the
STOP bit.
4
XMTE
Transmit Status Enable. When
this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when there is transmit
activity on the network.
This bit is always read/write ac-
cessible. XMTE is set to 1 by
H_RESET and is not affected
by S_RESET or setting the
STOP bit.
3
POWER
Power. When this bit is set to 1,
the device is operating in HIGH
power mode.
2
RCVE
Receive Status Enable. When
this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when there is receive
activity on the network.
This bit is always read/write ac-
cessible. RCVE is cleared by
H_RESET and is not affected
by S_RESET or setting the
STOP bit.
1
SPEED
Speed. When this bit is set to 1,
the device is operating in HIGH
speed mode.
0
COLE
Collision Status Enable. When
this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when there is collision
activity on the network.
This bit is always read/write ac-
cessible. COLE is cleared by
H_RESET and is not affected
by S_RESET or setting the
STOP bit.
BCR9: Full-Duplex Control
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-3
RES
Reserved locations. Written as
zeros and read as undefined.
2
FDRPAD
Full-Duplex Runt Packet Accept
Disable. When FDRPAD is set to
1 and full-duplex mode is en-
abled, the Am79C978A controller
will only receive frames that meet
the
minimum
Ethernet
frame
length of 64 bytes. Receive DMA
will not start until at least 64 bytes
or a complete frame have been
received. By default, FDRPAD is
cleared to 0. The Am79C978A
controller will accept any length
frame and receive DMA will start
according to the programming of
the
receive
FIFO
watermark.
Note that there should not be any
runt packets in a full-duplex net-
work, since the main cause for
runt packets is a network collision
and there are no collisions in a
full-duplex network.
This bit is always read/write ac-
cessible. FDRPAD is cleared
by H_RESET and is not affect-
ed by S_RESET or by setting
the STOP bit.
1
RES
Reserved locations. Written as
zeros and read as undefined.
0
FDEN
Full-Duplex Enable. FDEN con-
trols whether full-duplex opera-
tion is enabled. When FDEN is
cleared and the Auto-Negotiation
is disabled, full-duplex operation
is
not
enabled
and
the
Am79C978A controller will al-
ways
operate
in
half-duplex
mode. When FDEN is set, the
Am79C978A controller will oper-
ate in full-duplex mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com