Electronic Components Datasheet Search
  English  ▼

X  

AM79C978AVCW Datasheet(PDF) 152 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 152 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 148Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 149Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 150Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 151Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 152Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 153Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 154Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 155Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 156Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 256 page
background image
152
Am79C978A
14
LEDPOL
LED Polarity. When this bit has
the value 0, then the LED pin will
be driven to a LOW level whenev-
er the OR of the enabled signals
is true, and the LED pin will be
disabled and allowed to float high
whenever the OR of the enabled
signals is false (i.e., the LED out-
put will be an Open Drain output
and the output value will be the
inverse of the LEDOUT status
bit.).
When this bit has the value 1,
then the LED pin will be driven to
a HIGH level whenever the OR of
the enabled signals is true, and
the LED pin will be driven to a
LOW level whenever the OR of
the enabled signals is false (i.e.,
the LED output will be a Totem
Pole output and the output value
will be the same polarity as the
LEDOUT status bit).
The setting of this bit will not ef-
fect the polarity of the LEDOUT
bit for this register.
This bit is always read/write ac-
cessible. LEDPOL is cleared by
H_RESET and is not affected
by S_RESET or setting the
STOP bit.
13
LEDDIS
LED Disable. This bit is used to
disable the LED output. When
LEDDIS has the value 1, then the
LED output will always be dis-
abled. When LEDDIS has the val-
ue 0, then the LED output value
will be governed by the LEDOUT
and LEDPOL values.
This bit is always read/write ac-
cessible. LEDDIS is cleared by
H_RESET and is not affected
by S_RESET or setting the
STOP bit.
12
100E
100 Mbps Enable. When this bit
is set to 1, a value of 1 is passed
to the LEDOUT bit in this register
when the Am79C978A controller
is operating at 100 Mbps mode.
This bit is always read/write ac-
cessible. 100E is cleared by
H_RESET and is not affected
by S_RESET or setting the
STOP bit.
11-10 RES
Reserved locations. Written and
read as zeros.
9
MPSE
Magic Packet Status Enable.
When this bit is set to 1, a value of
1 is passed to the LEDOUT bit in
this register when magic frame
mode is enabled and a magic
frame is detected on the network.
This bit is always read/write ac-
cessible. MPSE is cleared by
H_RESET and is not affected
by S_RESET or setting the
STOP bit.
8
FDLSE
Full-Duplex Link Status Enable. In-
dicates the Full-Duplex Link Test
Status. When this bit is set, a value
of 1 is passed to the LEDOUT sig-
nal when the Am79C978A control-
ler is functioning in a Link Pass
state and full-duplex operation is
enabled. When the Am79C978A
controller is not functioning in a
Link Pass state with full-duplex op-
eration being enabled, a value of 0
is passed to the LEDOUT signal.
This bit is always read/write ac-
cessible. FDLSE is cleared by
H_RESET and is not affected
by S_RESET or setting the
STOP bit.
7
PSE
Pulse Stretcher Enable. When
this bit is set, the LED illumination
time is extended for each new oc-
currence of the enabled function
for this LED output. A value of 0
disables the pulse stretcher.
This bit is always read/write ac-
cessible. PSE is set to 1 by
H_RESET and is not affected
by S_RESET or setting the
STOP bit.
6
LNKSE
Link Status Enable. When this bit
is set, a value of 1 will be passed
to the LEDOUT bit in this register
in Link Pass state.
This bit is always read/write ac-
cessible. LNKSE is cleared by
H_RESET and is not affected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com