Electronic Components Datasheet Search
  English  ▼

X  

EM6812 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM6812
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM6812 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 81 page
background image
R
EM6812
Copyright © 2005, EM Microelectronic-Marin SA
1
www.emmicroelectronic.com
Ultra Low Power 8-bit FLASH Microcontroller
Description
The EM6812 is designed to be battery operated for extended
lifetime applications. Brownout and powercheck functions
ensure reliable operation at or near undervoltage conditions,
offering greater reliability in complex operation modes. Each
of the 16 I/Os is freely programmable and the microcontroller
has a dual quartz and trimmable RC oscillator up to 10MHz. It
has an 8-bit RISC architecture specially designed for very low
power consumption. With 2 clocks per instruction, EM6812
executes up to 2.5 MIPS at 5MHz and achieves an
astonishing 2200 MIPS/Watt.
Features
Green mold / leadfree package
True low current:
120 µA active mode @ 3V, 1MHz
6 µA standby mode, RC on
0.8 µA standby mode, RC off
0.16 µA sleep mode
Up to 2.5 MIPS at 5MHz
On-chip brownout detection
Powercheck functions at start-up
8-level Supply Voltage Level Detection (SVLD)
Fast wake-up from standby mode
16 fully configurable I/Os
Input / Output
Pull-up, Pull-down
CMOS, N-channel open drain
6 high currents outputs, up to 20 mA
Wide supply voltage range 2 V – 5.5 V
Flash read monitor (allows save instruction execution
at lowest voltages)
Dual mode quartz and RC oscillators:
1 MHz – 10 MHz RC
32768 Hz crystal or external clock source
8-bit CoolRISC architecture
16 registers
2 clock per instruction
8x8bit hardware multiplier
Power-On-Reset and watchdog
Various Flash memory size:
2k x 22 bit (5.6k Byte)
4k x 22 bit (11.2k Byte)
8k x 22 bit (22.5k Byte)
Fully static 512B or 256B RAM, Low power 12B RAM,
Dual port 4B RAM
Internal and external interrupts
Frequency generator
PWM functions
8/16-bit timers
Prescaler:
10-bit RC divider
15-bit crystal divider
SPI interface, UART programmable by software
Small 24-pin TSSOP and SO packages (leadfree)
CoolRISC 8-bit
CR816L
16 registers
Hardware multiplier
Power Supply
&
Voltage Regulator
Power On
Reset
Brownout
S
upply Voltage
L
evel Detector
8-level
FLASH
22.5 kByte
11.2 kByte
5.6 kByte
RAM
512x8 bit
Prescaler 1
Prescaler 2
RC 1-10MHz
Low Power
RAM
12x8 bit
Dual Port
RAM
4x8 bit
Crystal 32kHz
Watchdog
IRQ
4 x 8 bit
(2 x 16 bit)
Timer
PORT A
Pull-up/-down, Edge, Debounce
PORT B
SPI, soft UART, PWM,
Frequency generator
SECURITY
CORE
&
MEMORY
CLOCK
&
TIMING
I/Os
Block Diagram
Tools & Services
Easy to use emulator with full debug functions, full
peripheral integration, C-compiler
Windows-based software programs
Programmer from different vendors
Dedicated team of engineers for outstanding support
PB4
PB5
PB6
PB7
V
REG
V
DD
OSC OUT
OSC IN
PA7
PA6
PA5
PA4
EM6812
TSSOP-24
SO-24
Package
(top view)
PB3
PB2
PB1
PB0
N.C.
V
SS
TEST
RESET
PA0
PA1
PA2
PA3
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
Pinout Configuration
Typical Applications
Metering
Heat Cost Allocation
Smoke detector
Security
Body care
Sports
Computer peripherals, Bluetooth chipset
EM MICROELECTRONIC - MARIN SA


Similar Part No. - EM6812

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6819 EMMICRO-EM6819 Datasheet
2Mb / 154P
Sub-1V (0.6V) 8bit Flash MCU DC-DC Converter
EM6819 EMMICRO-EM6819 Datasheet
383Kb / 2P
Tool Kit for EM6819 Family
EM6819 EMMICRO-EM6819_14 Datasheet
383Kb / 2P
Tool Kit for EM6819 Family
logo
Emerging Memory & Logic...
EM681F32-45LF EMLSI-EM681F32-45LF Datasheet
70Kb / 11P
256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM681F32-45LL EMLSI-EM681F32-45LL Datasheet
70Kb / 11P
256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6812

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51ED2 ATMEL-AT89C51ED2 Datasheet
1Mb / 24P
8-bit Flash Microcontroller
AT89C51ID2 ATMEL-AT89C51ID2 Datasheet
1Mb / 157P
8-bit Flash Microcontroller
AT89C51RD2 ATMEL-AT89C51RD2 Datasheet
1Mb / 137P
8-bit Flash Microcontroller
logo
EM Microelectronic - MA...
EM6580 EMMICRO-EM6580 Datasheet
1Mb / 56P
Ultra Low Power 8-pin Flash Microcontroller
logo
ATMEL Corporation
AT89C51ID2_0309 ATMEL-AT89C51ID2_0309 Datasheet
1Mb / 159P
8-bit Flash Microcontroller
AT89C51ID2 ATMEL-AT89C51ID2_05 Datasheet
1Mb / 157P
8-bit Flash Microcontroller
AT89C51RD2 ATMEL-AT89C51RD2_08 Datasheet
1Mb / 137P
8-bit Flash Microcontroller
AT89C51RE2 ATMEL-AT89C51RE2 Datasheet
2Mb / 187P
8-bit Flash Microcontroller
AT89C51ED2-SMRUM ATMEL-AT89C51ED2-SMRUM Datasheet
1Mb / 137P
8-bit Flash Microcontroller
logo
EM Microelectronic - MA...
EM6580 EMMICRO-EM6580_07 Datasheet
1Mb / 55P
Ultra Low Power 8-pin Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com