Electronic Components Datasheet Search
  English  ▼

X  

EM6812 Datasheet(PDF) 13 Page - EM Microelectronic - MARIN SA

Part # EM6812
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812 Datasheet(HTML) 13 Page - EM Microelectronic - MARIN SA

Back Button EM6812 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 17Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
13
www.emmicroelectronic.com
5.2
General Purpose Registers, 16 Bytes
A total of 16 general purpose 8-bit registers are available. 12 of these registers are realized as low power RAM to store and
recall frequently accessed variables with minimum power whereas the power saving is realized by minimizing the parasitic
capacitance which are inherent to large memories. The other 4 bytes are shared with the Dual Port RAM function. These
registers are reset to ‘00’ by POR only.
Table 8. General purpose register mapping
Name
Register
Name
Res
Dec
Hex
LPRam0
00
0000
0x0000
…
:
:
:
Low Power RAM
(General purpose
registers)
LPRAM11
00
0011
0x000B
DPRam0
00
0012
0x000C
…
:
:
:
LP Ram shared with
Dual Port RAM
DPRam3
00
0015
0x000F
Direct and
indexed
addressing
5.3
Dual Port RAM (DPR)
The DPR is a memory block, which allows data, read and write, accesses from either the CPU core or an external
processor in a total asynchronous way. The Dual Port RAM external data IO is mapped on Port B, the control signals on
Port A. The occurrence of possible access conflicts is flagged to the CPU with 2 Interrupts. Priority is given to the external
access.
Table 9. DPR Port mapping
DP RAM external connection
Port mapping
Function
ExtDat[7:0]
PB[7:0]
External bi-directional data bus
ExtAddr[1:0]
PA[3:2]
External address
ExtWen
PA[1]
External write or read access selector
ExtCen
PA[0]
External chip enable, validates the access
Setting the bit EnDualRam = ‘1’ in register RegCfgPB enables the DPR function. It is still possible to use the Port B as a
standard port even if the DPR function is enabled. Only while input ExtWen is low and ExtCen is high the port B is forced as
output. In all other cases the port B configuration is given as defined by the port B configuration registers. Please refer also
to the port B description.
The terminal configuration of the DPR control inputs on port A is totally free.
Note:
The port B terminals must not be left floating while EnDualRam=’1’. One may use the integrated pull resistors if the drive
conditions are not sure.
5.3.1
CPU R/W access to DPR
CPU Read and Write access are performed in the same way as for all other general-purpose registers. No special
precautions need to be done as long as EnDualRam is not set. When EnDualRam is set, conflicts with external access
may occur. Such conflicts are flagged with interrupts to the CPU. Refer to 5.3.4 Conflict handling.
Table 10. DPR memory address mapping
Register
Bit_Names
ExtAddr[1:0]
on port A
Res
Reset by
Adr(Dec)
Adr(Hex)
DPRam0
DPR0[7:0]
00
00
POR
12
0x0C
DPRam1
DPR1[7:0]
01
00
POR
13
0x0D
DPRam2
DPR2[7:0]
10
00
POR
14
0x0E
DPRam3
DPR3[7:0]
11
00
POR
15
0x0F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com