Electronic Components Datasheet Search
  English  ▼

X  

EM6812 Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # EM6812
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812 Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  EM6812 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 81 page
background image
R
EM6812
Copyright © 2005, EM Microelectronic-Marin SA
2
www.emmicroelectronic.com
1
EM6812 at a glance
Power supply
Low power architecture
Voltage regulator for internal logic supply
External regulator capacitor
CPU
8 bit CoolRisc 816L Core
16 internal registers
4 hardware subroutine stacks
8 bit hardware multiplier
refer also to the CR816L reference manual
ROM / Flash
ROM 4096 Instructions = 11.26 Kbytes
Flash 8192 Instructions = 22.5 Kbytes
RAM
512 x 8 bit static SRAM (for 8k Instructions)
256 x 8 bit static SRAM (for < 4k Instructions)
low voltage ram data retention
Low power RAM, 12 Byte
for lowest power calculations
Dual Port RAM, 4 Byte
Data IO on port B, Control on port A
Operating modes
Active mode: CPU and peripherals are running
Standby mode: CPU halted, peripherals on
Sleep mode: no clocks, reset state
Wake Up from port A inputs
Resets
Power On Reset
Reset from watchdog timer
External Reset Input
Brown Out
Reset with Port A reset combination
Reset Flags to identify the reset source
Oscillator XTAL 32kHZ
Oscillation clock pre-divider (1 sec)
External clock low frequency input
Oscillator RC
internal RC oscillator
External clock high frequency input
Freq. Trimming register
1MHz or 10MHz Clocks
stable over temperature and voltage
Prescaler’s
2 Prescaler for RC and Xtal Oscillators
input clock software selectable
fix interval IRQ’s (RTC and others)
clock source to other peripherals
Divider capture, 8 MSB’s
Parallel In/Output Port A
8 bit wide direct input read
all functions bit-wise configurable
Input , output
debouncer
IRQ on pos. or neg. edge
Pull-up, pull-down or no pull selectable
Freq. Input for timer
Input combination reset
CMOS or NCH. Open Drain outputs
Parallel In/Output Port B
8 multipurpose I/O’s
8 bit wide direct input read
all functions bit-wise configurable
4 high current outputs
Input , output
Pull-up, pull-down or no pull selectable
CMOS or NCH. Open Drain outputs
special function: Serial Interface I/O’s, DP RAM
Serial Interface SPI
3 wire serial Interface, Sclk, Din, Dout
Timer (4 x 8 bit, or 2 x 16 bit)
8 (16) bit wide, Zero-Stop and Auto-Reload mode
External signal pulse width measurement
PWM generation
Event Counter
IRQ requests
Watchdog timer
generation of watchdog reset after time out
Interrupt
external IRQ’s from Port A, Comparator
internal IRQ’s from Timer, Prescaler
SVLD
8 levels supply voltage level check
Brown Out
On-chip Brown-Out detection, reset state
Power check at Startup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com