Electronic Components Datasheet Search
  English  ▼

X  

ADL5960 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5960
Description  10 MHz to 20 GHz, Integrated Vector Network Analyzer Front-End
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5960 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5960 Datasheet HTML 2Page - Analog Devices ADL5960 Datasheet HTML 3Page - Analog Devices ADL5960 Datasheet HTML 4Page - Analog Devices ADL5960 Datasheet HTML 5Page - Analog Devices ADL5960 Datasheet HTML 6Page - Analog Devices ADL5960 Datasheet HTML 7Page - Analog Devices ADL5960 Datasheet HTML 8Page - Analog Devices ADL5960 Datasheet HTML 9Page - Analog Devices ADL5960 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ADL5960
Preliminary Technical Data
Rev. PrB | Page 6 of 11
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
3
4
AVCC
NOTES
1. EXPOSED PAD. THE EXPOSED PAD (EPAD) ON THE UNDERSIDE OF THE DEVICE IS ALSO
INTERNALLY CONNECTED TO GROUND AND REQUIRES GOOD THERMAL AND
ELECTRICAL CONNECTION TO THE GROUND OF THE PRINTED CIRCUIT BOARD (PCB).
CONNECT ALL GROUND PINS TO A LOW IMPEDANCE GROUND PLANE TOGETHER WITH THE EPAD.
RFIN
2
AGND
AGND
5
CAP
6
IFFM
7
IFFP
8
OVCC
9 10 11 12 13
26 25 24 23 22
21
19
18
TEMP
RFOUT
20
AGND
AGND
17
VCM
16
IFRM
15
IFRP
14
OVCC
ADL5960
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
AVCC
Analog Supply Pin. Bypass AVCC with 1 nF and a 4.7 μF capacitors placed as close as possible to AVCC.
2, 4, 18, 20
AGND
Analog Ground Pins. All ground pins are internally connected. Use Pin 2 and Pin 4 as the RF return ground
for the RFIN transmission line (Pin 3). Use Pin 18 and Pin 20 as the RF return ground for the RFOUT
transmission line (Pin 19).
3, 19
RFIN, RFOUT
RF Input/Output of the Primary Transmission Line. RFIN and RFOUT have a 50 Ω load characteristic
impedance and can dc-couple to a source and load. When using open and short terminations, do not
exceed the maximum power dissipation ratings.
5
CAP
Bypass Capacitor. A 4.7 nF capacitor is recommended for 10 MHz operation.
6, 7, 15, 16
IFFM, IFFP, IFRP, IFRM
Differential IF Outputs. Couple Pin 6 and Pin 7 to the forward power transfer (RFIN to RFOUT). Couple
Pin 15 and Pin 16 to the reverse power transfer (RFOUT to RFIN).
8, 14
OVCC
IF Amplifier Supplies. Bypass OVCC with a 1 nF and a 4.7 μF capacitor on each pin before connecting
to AVCC. Place the capacitors as close as possible to OVCC.
9, 10
LOP, LOM
Down Conversion Mixer LO Input/Output. A differential or single-ended signal source can drive the
LOP and LOM pins. The LOMODE register and THRU register configure the LO interface.
11
SYNC
Synchronization Input. This CMOS input pin stops the dividers in the LO and IF input interfaces when
driven high and initiates synchronization when driven back low. If the SYNC pin is floating, an
internal 200 kΩ pull-down resistor disables the SYNC function.
12, 13
OFP, OFM
IF Offset Reference Frequency Inputs. The OFP and OFM pins set the center frequency at the IF
outputs when IFMODE = 0x0, 0x1, or 0x2. Note that, IFMODE = 0x3 disables this input.
17
VCM
IF Output Common-Mode Voltage Control. The VCM pin sets the output common-mode voltage at
IFFM, IFFP, IFRP, and IFRM.
21
TEMP
Temperature Sensing Diode. The TEMP pin connects to the anode of a diode and measures the die
temperature by forcing a current and measuring the voltage.
22
OVDD
SPI Supply Voltage.
23
SDIO
SPI Data Input/Output. If the SDIO pin is floating, an internal 200 kΩ pull-down resistor ties the pin to
a low impedance ground plane.
24
CS
SPI Chip Select (Active Low). If the CS pin is floating, an internal 200 kΩ pull-up resistor ties the pin to
OVDD.
25
SCK
SPI Clock Input. If the SCK pin is floating, an internal 200 kΩ pull-down resistor ties the pin to a low
impedance ground plane.
26
EN
Chip Enable. A logic high at the EN pin enables the chip. A logic low at the EN pin shuts down the
ADL5960. If the EN pin is floating, an internal 200 kΩ pull-down resistor disables the ADL5960.
EPAD
Exposed Pad. The exposed pad (EPAD) on the underside of the device is also internally connected to
ground and requires good thermal and electrical connection to the ground of the printed circuit
board (PCB). Connect all ground pins to a low impedance ground plane together with the EPAD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com